Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0857A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ENA0857A
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0857A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ENA0857A Datasheet HTML 1Page - Sanyo Semicon Device ENA0857A Datasheet HTML 2Page - Sanyo Semicon Device ENA0857A Datasheet HTML 3Page - Sanyo Semicon Device ENA0857A Datasheet HTML 4Page - Sanyo Semicon Device ENA0857A Datasheet HTML 5Page - Sanyo Semicon Device ENA0857A Datasheet HTML 6Page - Sanyo Semicon Device ENA0857A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MCH3374
No.A0857-4/7
VGS -- Qg
Total Gate Charge, Qg -- nC
A S O
Drain-to-Source Voltage, VDS -- V
06
12345
--1.0
2
3
5
7
2
3
5
7
2
3
5
7
2
3
--10
--0.1
--0.01
23
5
3
2
7
23
5 7
23
5 7
--0.01
--0.1
--1.0
--10
IT12607
IT12606
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
100
μs
10ms
100ms
Operation in this area
is limited by RDS(on).
ID= --3A
DC
operation(T
a=25
°C)
IDP= --12A
VDS= --6V
ID= --3A
1ms
PW
≤10
μs
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm2
×0.8mm)
0
0
20
40
0.2
0.4
0.6
0.8
1.0
1.2
60
80
100
120
140
160
PD -- Ta
IT12608
Ambient Temperature, Ta --
°C
Mounted
on
a
ceramic
board
(900mm
2×
0.8mm)


Similar Part No. - ENA0857A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0851 SANYO-ENA0851 Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA0851A SANYO-ENA0851A Datasheet
426Kb / 7P
   General-Purpose Switching Device Applications
ENA0854A SANYO-ENA0854A Datasheet
426Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
ENA0858 ONSEMI-ENA0858 Datasheet
187Kb / 24P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.09
ENA0858 ONSEMI-ENA0858 Datasheet
187Kb / 24P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.09
More results

Similar Description - ENA0857A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com