Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1421A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENA1421A
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1421A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENA1421A Datasheet HTML 1Page - Sanyo Semicon Device ENA1421A Datasheet HTML 2Page - Sanyo Semicon Device ENA1421A Datasheet HTML 3Page - Sanyo Semicon Device ENA1421A Datasheet HTML 4Page - Sanyo Semicon Device ENA1421A Datasheet HTML 5Page - Sanyo Semicon Device ENA1421A Datasheet HTML 6Page - Sanyo Semicon Device ENA1421A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EMH2411R
No. A1421-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.5
1.3
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=3A
35
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=2.5A, VGS=4.5V
19.5
28
36.5
RDS(on)2
ID=2.5A, VGS=4V
20
29
38
RDS(on)3
ID=1A, VGS=3.7V
21
30
39
RDS(on)4
ID=1A, VGS=3.1V
21
33
46.5
RDS(on)5
ID=1A, VGS=2.5V
22.5
38
54
Turn-ON Delay Time
td(on)
See specified Test Circuit.
300
ns
Rise Time
tr
840
ns
Turn-OFF Delay Time
td(off)
3200
ns
Fall Time
tf
1650
ns
Total Gate Charge
Qg
VDS=10V, VGS=4.5V, ID=5A
5.9
nC
Gate-to-Source Charge
Qgs
1nC
Gate-to-Drain “Miller” Charge
Qgd
1.2
nC
Diode Forward Voltage
VSD
IS=5A, VGS=0V
0.8
1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
EMH2411R-TL-H
EMH8
3,000pcs./reel
Pb Free and Halogen Free
P.G
50Ω
G
S
D
ID=3A
RL=3.33Ω
VDD=10V
VOUT
EMH2411R
VIN
4.5V
0V
VIN
Rg=2kΩ
Rg
PW=10μs
D.C.≤1%


Similar Part No. - ENA1421A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
logo
Sanyo Semicon Device
ENA1429A SANYO-ENA1429A Datasheet
114Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA1421A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com