Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W981216AH Datasheet(PDF) 9 Page - Winbond

Part # W981216AH
Description  2M x 16 bit x 4 Banks SDRAM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W981216AH Datasheet(HTML) 9 Page - Winbond

Back Button W981216AH Datasheet HTML 5Page - Winbond W981216AH Datasheet HTML 6Page - Winbond W981216AH Datasheet HTML 7Page - Winbond W981216AH Datasheet HTML 8Page - Winbond W981216AH Datasheet HTML 9Page - Winbond W981216AH Datasheet HTML 10Page - Winbond W981216AH Datasheet HTML 11Page - Winbond W981216AH Datasheet HTML 12Page - Winbond W981216AH Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
W981216AH
2M x 16 bit x 4 Banks SDRAM
Revision 1.0
Publication Release Date: March, 1999
- 9 -
Operation Mode
Fully synchronous operations are performed to latch the commands at the positive edges of CLK. Table 1 shows the truth
table for the operation commands.
Table 1 Truth Table
( note (1) , (2) )
command
Device state
CKEn-1
CKEn
DQM
BS0,1
A10
A11,
A9-0
CS
RA
CAS
WE
Bank Active
Idle
H
x
x
v
v
v
L
L
H
H
Bank Precharge
Any
H
x
x
v
L
x
L
L
H
L
Precharge All
Any
H
x
x
x
H
x
L
L
H
L
Write
Active (3)
H
x
x
v
L
v
L
H
L
L
Write with Autoprecharge
Active (3)
H
x
x
v
H
v
L
H
L
L
Read
Active (3)
H
x
x
v
L
v
L
H
L
H
Read with Autoprecharge
Active (3)
H
x
x
v
H
v
L
H
L
H
Mode Register Set
Idle
H
x
x
v
v
v
L
L
L
L
No - Operation
Any
H
x
x
x
x
x
L
H
H
H
Burst Stop
Active (4)
H
x
x
x
x
x
L
H
H
L
Device Deselect
Any
H
x
x
x
x
x
H
x
x
x
Auto - Refresh
Idle
H
H
x
x
x
x
L
L
L
H
Self - Refresh Entry
Idle
H
L
x
x
x
x
L
L
L
H
Self Refresh Exit
idle
(S.R.)
L
L
H
H
x
x
x
x
x
x
x
x
H
L
x
H
x
H
x
x
Clock suspend Mode Entry
Active
H
L
x
x
x
x
x
x
x
x
Power Down Mode Entry
Idle
Active (5)
H
H
L
L
x
x
x
x
x
x
x
x
H
L
x
H
x
H
x
x
Clock Suspend Mode Exit
Active
L
H
x
x
x
x
x
x
x
x
Power Down Mode Exit
Any
(power down)
L
L
H
H
x
x
x
x
x
x
x
x
H
L
x
H
x
H
x
x
Data write/Output Enable
Active
H
x
L
x
x
x
x
x
x
x
Data Write/Output Disable
Active
H
x
H
x
x
x
x
x
x
x
Notes: (1) v= valid x = Don't care L= Low Level H= High Level
(2) CKEn signal is input level when commands are provided.
(3) These are state of bank designated by BS0, BS1 signals.
(4) Device state is full page burst operation.
(5) Power Down Mode can not be entered in the burst cycle.
When this command asserts in the burst cycle, device state is clock suspend mode.


Similar Part No. - W981216AH

ManufacturerPart #DatasheetDescription
logo
Winbond
W981216 WINBOND-W981216 Datasheet
1Mb / 41P
   2M x 4 BANKS x 16 BIT SDRAM
W981216BH WINBOND-W981216BH Datasheet
1Mb / 41P
   2M x 4 BANKS x 16 BIT SDRAM
More results

Similar Description - W981216AH

ManufacturerPart #DatasheetDescription
logo
Winbond
W981216BH WINBOND-W981216BH Datasheet
1Mb / 41P
   2M x 4 BANKS x 16 BIT SDRAM
logo
Elite Semiconductor Mem...
M53D128168A ESMT-M53D128168A_1 Datasheet
1Mb / 46P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
M53D128168A ESMT-M53D128168A Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
logo
Winbond
W9812G6JH WINBOND-W9812G6JH_13 Datasheet
834Kb / 42P
   2M x 4 BANKS x 16 BITS SDRAM
W9812G6GH WINBOND-W9812G6GH Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9812G6JB-6I-TR WINBOND-W9812G6JB-6I-TR Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9812G6KH WINBOND-W9812G6KH Datasheet
686Kb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
logo
Elite Semiconductor Mem...
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_08 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_1 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com