Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1667A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA1667A
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1667A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA1667A Datasheet HTML 1Page - Sanyo Semicon Device ENA1667A Datasheet HTML 2Page - Sanyo Semicon Device ENA1667A Datasheet HTML 3Page - Sanyo Semicon Device ENA1667A Datasheet HTML 4Page - Sanyo Semicon Device ENA1667A Datasheet HTML 5Page - Sanyo Semicon Device ENA1667A Datasheet HTML 6Page - Sanyo Semicon Device ENA1667A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMH1405
No. A1667-3/7
ID -- VGS
Gate-to-Source Voltage, VGS -- V
ID -- VDS
Drain-to-Source Voltage, VDS -- V
0
IT15388
012345
2
8
4
6
10
1
7
3
5
9
VDS=10V
0
2.0
4.0
1.0
0.5
3.0
2.5
1.5
3.5
0
IT15387
0.1
0.4
0.2
0.6
0.5
0.3
0.8
0.7
0.9
1.0
VGS=2.5V
3.0V
IS -- VSD
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
0
0.2
0.4
0.6
1.2
1.0
0.8
0.01
7
5
3
2
7
5
3
2
7
5
3
2
2
0.1
1.0
10
IT15391
IT15392
Ta=
--25
°C
75
°C
25
°C
VDS=10V
VGS=0V
10
100
7
5
3
2
7
5
3
2
2
0.1
2
1.0
35
7
IT15393
VDD=15V
VGS=10V
td(off)
t r
tf
10
23
5
7
td(on)
0.1
2
2
1.0
7
7
5
3
10
7
5
3
0.1
2
0.01
57
23
1.0
10
2
57
35 7
3
--60 --40 --20
0
40
20
80
120
60
100
140 160
0
10
20
30
60
40
50
VGS
=2V
, ID=4.0A
VGS
=2V
, ID=4.5A
VGS
=4V, ID
=10.0A
IT15390
IT15389
Ta=25
°C
ID=4A
2A
06
4
2
10121416
8
0
10
20
30
50
40
100
90
80
70
60
015
25
7
1000
7
5
3
2
3
2
3
2
100
5
30
510
20
Ciss
Coss
Crss
IT15394
f=1MHz


Similar Part No. - ENA1667A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1601A ONSEMI-ENA1601A Datasheet
492Kb / 6P
   RF Transistor 8V, 150mA, fT=16GHz NPN Dual MCPH6
August, 2013
logo
Sanyo Semicon Device
ENA1603A SANYO-ENA1603A Datasheet
451Kb / 7P
   General-Purpose Switching Device Applications
ENA1604A SANYO-ENA1604A Datasheet
451Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
ENA1605A ONSEMI-ENA1605A Datasheet
520Kb / 6P
   Bipolar Transistor -20V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
ENA1622B ONSEMI-ENA1622B Datasheet
186Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.65
More results

Similar Description - ENA1667A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com