Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W91813AN Datasheet(PDF) 4 Page - Winbond

Part # W91813AN
Description  23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91813AN Datasheet(HTML) 4 Page - Winbond

  W91813AN Datasheet HTML 1Page - Winbond W91813AN Datasheet HTML 2Page - Winbond W91813AN Datasheet HTML 3Page - Winbond W91813AN Datasheet HTML 4Page - Winbond W91813AN Datasheet HTML 5Page - Winbond W91813AN Datasheet HTML 6Page - Winbond W91813AN Datasheet HTML 7Page - Winbond W91813AN Datasheet HTML 8Page - Winbond W91813AN Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
W91810N SERIES
- 4 -
Pin Description, continued
SYMBOL
22-PIN
24-PIN
28-PIN
I/O
FUNCTION
KT
(W91810N/81
0AN/812N/812
AN/811AN/813
AN only)
6
6
7
O
The key tone output is a conventional CMOS
inverter. The key tone is generated when any valid
key is pressed; the KT pin generates a 1.2 KHz
square wave at 35 mS. When no key is pressed,
the KT pin remains in low state.
LOCK
(W91810LN/
810ALN/
811ALN only)
6
6
7
I
The function of this terminal is to prevent "0"
dialing and "9" dialing under PABX system long
distance call control. When the first key input after
reset is 0 or 9, all key inputs, including the 0 or 9
key, become invalid and the chip generates no
output. The telephone is reinitialized by a reset.
The function of the LOCK pin is shown below:
LOCK PIN
FUNCTION
VDD
VSS
Floating
"0", "9" dialing inhibited
Normal dialing Mode
"0" dialing inhibited
H/P MUTE
7
7
8
I
The H/P MUTE is a conventional inverter output.
During pulse dialing, flash break or hold period,
this output is active high; otherwise, it remains in
low state.
DP
13
15
18
O
N-channel open drain dialing pulse output.
Flash key will cause DP to be active in either tone
mode or pulse mode.
In lock mode, the DP remains low for 300 mS
during off-hook delay time.
The timing diagram for pulse mode is shown in
Figure 1(a, b).


Similar Part No. - W91813AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91820ALN WINBOND-W91820ALN Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91820AN WINBOND-W91820AN Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91820LN WINBOND-W91820LN Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91822AN WINBOND-W91822AN Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results

Similar Description - W91813AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com