Electronic Components Datasheet Search |
|
EFC4615R Datasheet(PDF) 2 Page - Sanyo Semicon Device |
|
EFC4615R Datasheet(HTML) 2 Page - Sanyo Semicon Device |
2 / 7 page EFC4615R No. A1629-2/7 Electrical Characteristics at Ta=25°C Parameter Symbol Conditions Ratings Unit min typ max Source-to-Source Breakdown Voltage V(BR)SSS IS=1mA, VGS=0V Test Circuit 1 24 V Zero-Gate Voltage Source Current ISSS VSS=20V, VGS=0V Test Circuit 1 1 μA Gate-to-Source Leakage Current IGSS VGS=±8V, VSS=0V Test Circuit 2 ±10 μA Cutoff Voltage VGS(off) VSS=10V, IS=1mA Test Circuit 3 0.5 1.3 V Forward Transfer Admittance | yfs | VSS=10V, IS=3A Test Circuit 4 5.4 S Static Source-to-Source On-State Resistance RSS(on)1 IS=3A, VGS=4.5V Test Circuit 5 19 27 31 mΩ RSS(on)2 IS=3A, VGS=4.0V Test Circuit 5 21 28 33 mΩ RSS(on)3 IS=3A, VGS=3.1V Test Circuit 5 24 33 44 mΩ RSS(on)4 IS=3A, VGS=2.5V Test Circuit 5 28 39 52 mΩ Turn-ON Delay Time td(on) See specified Test Circuit. Test Circuit 7 13 ns Rise Time tr 235 ns Turn-OFF Delay Time td(off) 335 ns Fall Time tf 360 ns Total Gate Charge Qg VSS=10V, VGS=4.5V, IS=6A 8.8 nC Forward Source-to-Source Voltage VF(S-S) IS=6A, VGS=0V Test Circuit 6 1 1.2 V Ordering Information Device Package Shipping memo EFC4615R-TR EFCP 5,000pcs./reel Pb Free and Halogen Free Test circuits are example of measuring FET1 side VSSS / ISSS IGSS(+) / (--) VGS(off) 10V 1mA | yfs | IT11565 IT11566 IT11567 IT11568 S2 S1 G2 G1 S2 S1 G2 G1 S2 S1 G2 G1 S2 S1 G2 G1 * Note: Connect the mesurement terminal reversely if you want to measure the FET2 side. Test Circuit 1 Test Circuit 2 Test Circuit 3 Test Circuit 4 |
Similar Part No. - EFC4615R_12 |
|
Similar Description - EFC4615R_12 |