Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W981208AH Datasheet(PDF) 3 Page - Winbond

Part # W981208AH
Description  4M x 8 bit x 4 Banks SDRAM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W981208AH Datasheet(HTML) 3 Page - Winbond

  W981208AH Datasheet HTML 1Page - Winbond W981208AH Datasheet HTML 2Page - Winbond W981208AH Datasheet HTML 3Page - Winbond W981208AH Datasheet HTML 4Page - Winbond W981208AH Datasheet HTML 5Page - Winbond W981208AH Datasheet HTML 6Page - Winbond W981208AH Datasheet HTML 7Page - Winbond W981208AH Datasheet HTML 8Page - Winbond W981208AH Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
W981208AH
4M x 8 bit x 4 Banks SDRAM
Revision 1.0
Publication Release Date: March, 1999
- 3 -
Pin Assignment
Pin Number
Pin Name
Function
Description
23 ~ 26, 22,
29 ~35
A0~ A11
Address
Multiplexed pins for row and column address.
Row address : A0 ~ A11. Column address: A0 ~ A9.
20, 21
BS0, BS1
Bank Select
Select bank to activate during row address latch time, or bank
to read/write during address latch time.
2, 5, 8, 11,
44, 47, 50, 53
DQ0 ~ DQ7
Data Input/
Output
Multiplexed pins for data output and input.
19
CS#
Chip Select
Disable or enable the command decoder. When command
decoder is disabled, new command is ignored and previous
operation continues.
18
RAS#
Row Address
Strobe
Command input. When sampled at the rising edge of the clock,
RAS#, CAS# and WE# define the operation to be executed.
17
CAS#
Column Address
Strobe
Referred to RAS#
16
WE#
Write Enable
Referred to RAS#
39
DQM
input/output mask
The output buffer is placed at Hi-Z(with latency of 2) when DQM
is sampled high in read cycle. In write cycle, sampling DQM
high will block the write operation with zero latency.
38
CLK
Clock Inputs
System clock used to sample inputs on the rising edge of clock.
37
CKE
Clock Enable
CKE controls the clock activation and deactivation. When CKE
is low, Power Down mode, Suspend mode, or Self Refresh
mode is entered.
1, 14, 27
VCC
Power ( +3.3 V )
Power for input buffers and logic circuit inside DRAM.
28, 41, 54
VSS
Ground
Ground for input buffers and logic circuit inside DRAM.
3, 9, 43, 49
VCCQ
Power ( + 3.3 V )
for I/O buffer
Separated power from VCC, used for output buffers to improve
noise.
6, 12, 46, 52
VSSQ
Ground for I/O
buffer
Separated ground from VSS, used for output buffers to improve
noise.
4, 7, 10, 13,
15, 36, 40, 42,
45, 48, 51
NC
No Connection
No connection


Similar Part No. - W981208AH

ManufacturerPart #DatasheetDescription
logo
Winbond
W981208BH WINBOND-W981208BH Datasheet
1Mb / 41P
   4M x 4 BANKS x 8 BIT SDRAM
More results

Similar Description - W981208AH

ManufacturerPart #DatasheetDescription
logo
Winbond
W981208BH WINBOND-W981208BH Datasheet
1Mb / 41P
   4M x 4 BANKS x 8 BIT SDRAM
W982516BH WINBOND-W982516BH Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
logo
Elite Semiconductor Mem...
M15F5121632A ESMT-M15F5121632A Datasheet
6Mb / 160P
   4M x 16 Bit x 8 Banks DDR3 SDRAM
logo
Winbond
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W9725G6KB25I-TR WINBOND-W9725G6KB25I-TR Datasheet
1Mb / 87P
   4M X 4 BANKS X 16 BIT DDR2 SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
W982516AH WINBOND-W982516AH Datasheet
1Mb / 41P
   4M x 4 BANKS x 16BIT SDRAM
logo
Elite Semiconductor Mem...
M15T5121632A ESMT-M15T5121632A Datasheet
6Mb / 172P
   4M x 16 Bit x 8 Banks DDR3(L) SDRAM
M14D2561616A ESMT-M14D2561616A Datasheet
979Kb / 59P
   4M x 16 Bit x 4 Banks DDR II SDRAM
logo
Winbond
W982508AH WINBOND-W982508AH Datasheet
1Mb / 41P
   8M X 4 BANKS X 8 BIT SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com