Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W91F822N Datasheet(PDF) 4 Page - Winbond

Part # W91F822N
Description  13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91F822N Datasheet(HTML) 4 Page - Winbond

  W91F822N Datasheet HTML 1Page - Winbond W91F822N Datasheet HTML 2Page - Winbond W91F822N Datasheet HTML 3Page - Winbond W91F822N Datasheet HTML 4Page - Winbond W91F822N Datasheet HTML 5Page - Winbond W91F822N Datasheet HTML 6Page - Winbond W91F822N Datasheet HTML 7Page - Winbond W91F822N Datasheet HTML 8Page - Winbond W91F822N Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Preliminary W91F820N SERIES
- 4 -
Pin Description, continued
SYM.
20-PIN 22-PIN
I/O
FUNCTION
H/P MUTE
6
6
I
The H/P MUTE is a conventional inverter output. During pulse
dialing, flash break or hold period, this output is active high;
otherwise, it remains in low state.
DP
12
14
O
N-channel open drain dialing pulse output.
Flash key will cause DP to be active in either tone mode or pulse
mode.
The timing diagram for pulse mode is shown in Figure 1(a, b).
DTMF
14
15
O
During pulse dialing, this pin remains in a low state regardless of
the keypad input. In tone mode, it will output a dual or single
tone.
A detailed timing diagram for tone mode is shown in Figure 2(a,
b).
R1
R2
R3
R4
C1
C2
C3
Specified
697
770
852
941
1209
1336
1477
699
766
848
948
1216
1332
1472
Actual
+0.28
-0.52
-0.47
+0.74
+0.57
-0.30
-0.34
Error %
OUTPUT FREQUENCY
VDD, VSS
15, 7
17, 7
I
Power input pins for the dialer chip. VDD is the power and VSS is
the ground.
HFI, HFO
-
11, 12
I, O Handfree control pins.
A low pulse on the HFI input pin toggles the handfree control
state. The status of the handfree control state is listed in the
following table:
HOOK SW.
-
On Hook
Off Hook
On Hook
Off Hook
Off Hook
CURRENT STATE
NEXT STATE
HFO
Low
High
High
-
Low
High
INPUT
HFI
HFI
HFI
Off Hook
On Hook
On Hook
HFO
High
Low
Low
Low
Low
High
DIALING
Yes
No
Yes
Yes
No
Yes
The HFI pin is pulled to VDD by an internal resistor.
A detailed timing diagram is shown in Figure 3.


Similar Part No. - W91F822N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91F810ALN WINBOND-W91F810ALN Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810AN WINBOND-W91F810AN Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810LN WINBOND-W91F810LN Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F811ALN WINBOND-W91F811ALN Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results

Similar Description - W91F822N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
   23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com