Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4030-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA4030-SM
Description  17 ??37 GHz MPA/Multiplier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4030-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA4030-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
TGA4030-SM
April 2012 © Rev A
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Table II
Recommended Operating Conditions
Table I
Absolute Maximum Ratings 1/
Symbol
Parameter
Value
Notes
Vd-Vg
Drain to Gate Voltage range
8V
Vd
Drain Supply Voltage Range
6 V
Vg
Gate Supply Voltage Range
-3
– 0 V
Id
Drain Current
400 mA
|Ig|
Gate Current
1.38 mA
Pin
Input Continuous Wave Power
20 dBm
Symbol
Parameter
Value
Vd
Drain Voltage
5 V
Id
Drain Current
140 mA
Vg
Gate Voltage (Typical)
-0.75 V
Vd1
Drain Voltage
1 V
Vg1
Gate Voltage
-1.1 V
1/
These ratings represent the maximum operable values for this device. Stresses beyond those listed
under “Absolute Maximum Ratings” may cause permanent damage to the device and / or affect
device lifetime. These are stress ratings only, and functional operation of the device at these
conditions is not implied.
See bias plan on page 14 for amplifier and 2x multiplier, page 15 for 3x multiplier


Similar Part No. - TGA4030-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4030-SM TRIQUINT-TGA4030-SM Datasheet
434Kb / 17P
   17 to 37 GHz MPA/Multiplier
TGA4030-SM TRIQUINT-TGA4030-SM_15 Datasheet
434Kb / 17P
   17 to 37 GHz MPA/Multiplier
More results

Similar Description - TGA4030-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4030-SM TRIQUINT-TGA4030-SM_15 Datasheet
434Kb / 17P
   17 to 37 GHz MPA/Multiplier
TGA4031-SM TRIQUINT-TGA4031-SM Datasheet
1Mb / 17P
   17 ??0 GHz MPA/Multiplier
logo
Qorvo, Inc
TGA4040 QORVO-TGA4040 Datasheet
283Kb / 11P
   17 -43 GHz MPA / Multiplier
logo
TriQuint Semiconductor
TGA4040 TRIQUINT-TGA4040_15 Datasheet
283Kb / 11P
   17 to 43 GHz MPA / Multiplier
TGA4040 TRIQUINT-TGA4040 Datasheet
163Kb / 10P
   17 - 43GHz MPA/Multiplier
logo
United Monolithic Semic...
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU3377 UMS-CHU3377_15 Datasheet
125Kb / 4P
   W-band Multifunction: Multiplier / MPA
CHU2277 UMS-CHU2277 Datasheet
159Kb / 7P
   W-band Multifunction : Multiplier / MPA
CHU2277 UMS-CHU2277_15 Datasheet
229Kb / 6P
   W-band Multifunction Multiplier / MPA
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
   W-band Multifunction : Multiplier / MPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com