Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W91810AN Datasheet(PDF) 3 Page - Winbond

Part # W91810AN
Description  23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91810AN Datasheet(HTML) 3 Page - Winbond

  W91810AN Datasheet HTML 1Page - Winbond W91810AN Datasheet HTML 2Page - Winbond W91810AN Datasheet HTML 3Page - Winbond W91810AN Datasheet HTML 4Page - Winbond W91810AN Datasheet HTML 5Page - Winbond W91810AN Datasheet HTML 6Page - Winbond W91810AN Datasheet HTML 7Page - Winbond W91810AN Datasheet HTML 8Page - Winbond W91810AN Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
W91810N SERIES
Publication Release Date: March 2000
- 3 -
Revision A5
PIN DESCRIPTION
SYMBOL
22-PIN
24-PIN
28-PIN
I/O
FUNCTION
Column-
Row Inputs
1
−5
&
18
−22
1
−5
&
20
−24
1
−6
&
23
−28
I
The keyboard input is compatible with a standard
6
× 6 or 7 × 7 keyboard, an inexpensive single
contact (Form A) keyboard, and electronic input.
In normal operation, any single button can be
pushed to produce dual tone, pulses, or functions.
Activation of two or more buttons will result in no
response except for a single tone.
XT
9
9
10
I
A built-in inverter together with an inexpensive
3.579545 MHz crystal supplies the oscillator. The
oscillator stops when there is no keypad input.
The crystal frequency deviation is 0.02%.
XT
10
10
11
O
Crystal oscillator output pin.
T/P MUTE
11
11
12
O
The T/P MUTE is a conventional CMOS N-
channel open drain output.
The output transistor turns on with a low level
during a dialing sequence (both pulse and tone
mode). Otherwise, it is off.
K MUTE
17
19
22
O
The K MUTE is a conventional CMOS N-channel
open drain output.
Toggle action speech mute control pin by MUTE
key.
MODE
15
17
20
I
Connecting the mode pin to VSS places the dialer
in tone mode.
Connecting the mode pin to VDD places the dialer
in pulse mode with an M/B ratio of 40:60.
Leaving the mode pin floating places the dialer in
pulse mode with an M/B ratio of 33.3:66.7.
HKS
12
14
17
I
The HKS (hook switch) input is used to sense
whether the handset is on-hook or off-hook.
In on-hook state, HKS = 1: chip is in sleeping
mode, no operation.
In off-hook state, HKS = 0: chip is enabled for
normal operation.
HKS pin is pulled to VDD by internal resistor.


Similar Part No. - W91810AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91820ALN WINBOND-W91820ALN Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91820AN WINBOND-W91820AN Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91820LN WINBOND-W91820LN Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91822AN WINBOND-W91822AN Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results

Similar Description - W91810AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com