Electronic Components Datasheet Search |
|
030-1997-006 Datasheet(PDF) 6 Page - ITT Industries |
|
030-1997-006 Datasheet(HTML) 6 Page - ITT Industries |
6 / 36 page 4 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change Performance and Material Specifications Test Data MATERIALS AND FINISHES Receptacle Shell Insulator Contacts Grommet and Seal Jam Nut Grounding Spring *Finish as noted in How To Order sections. 28 26 24 22 20 18 16 14 12 Sea Level 50,000 ft. 70,000 ft. 100,000 ft. 1300 1300 800 550 800 350 800 200 1800 1800 1000 600 1000 400 1000 200 2300 2300 1000 800 1000 500 1000 200 1.5 2.0 3.0 5.0 - - - - - 1.5 2.0 3.0 - - - - - - - 2.0 3.0 5.0 - - - - - - - 3.0 5.0 7.5 - - - - - - - - 7.5 10.0 13.0 - - - - - - - - - 17.0 23.0 Aluminum alloy High grade plastic Copper alloy, gold plate Silicone base elastomer Aluminum alloy - Aluminum alloy* High grade plastic Copper alloy, gold plate Silicone base elastomer - Beryllium copper Grounded Plug Contact Size and Test Amps Wire Size Altitude Service Rating M Mated Unmated Service Rating I Mated Unmated Service Rating II Mated Unmated 22D 22M* 22* 20 16 12 ELECTRICAL DATA Contact Size: 22D, 22M*, 22*, 20, 16 and 12 Service Rating Test voltage, AC (rms) Contact Rating and Wire Size Accomodation 1000 1000 600 400 600 260 600 200 Service Rating N Mated Unmated *For reference only 500 cycles of mating and unmating, 250 cycles for Series II with spring fingers Class F: EMI leakage attenuation, greater than 90dB at 100Mhz, greater than 65dB at 10 GHz. Shell to shell conductivity, 1.0 millivolt max. resistance. Class W: EMI leakage attenuation, greater than 90dB at 100 MHz, greater than 50dB at 10 GHz. Shell to shell conductivity, 2.5 millivolt max. Class B, W, and Z will withstand 500 hours salt spray. Class A, F, N, will withstand 48 hours salt spray. Connectors are fluid resistant to many fuels, solvents, coolants and oils. Mated conectors terminated with MIL-C-915 cable and environmentally sealed backshells will withstand high impact shock per MIL-S-901. Applicable to Series I & III only. Designed to operate between sea level and 100,000 ft. above sea level. Mated connectors shall withstand sand and dust per method 110 of MIL-STD-202 and be ice resistant. Applicable to Series I & III only. NOTE: For hermetic standard or test data please consult ITT. Mated connectors are vibrated with weights to simulate rear accessory loads to the following levels: Sine Vibration: Random Vibration: Up to 60 G's - Series I & III (at rated temperature - Series III) Not applicable for Series II. 43.7 Grms at rated temperature - Series III 49.5 Grms at Ambient Temperature - Series I & III 43.7 Grms at Ambient Temperature - Series II Test Description Parameters Durability Temperature Range Vibration EMI Shielding Effectiveness Corrosion Resistant Fluid Immersion High Impact Shock Altitude Other Environments Class F, N; - 65ºC (-85ºF) to + 200ºC (+392ºF) Class A; - 65ºC (-85ºF) to + 150ºC (+302ºF) Class B,W: - 65ºC (-85ºF) to + 175ºC (+347ºF) Cannon KJL/KJ/KJA/KJB MIL-DTL-38999 Series I, II, III Connectors |
Similar Part No. - 030-1997-006 |
|
Similar Description - 030-1997-006 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |