Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1908A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ENA1908A
Description  General-Purpose Switching Device Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1908A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ENA1908A Datasheet HTML 1Page - Sanyo Semicon Device ENA1908A Datasheet HTML 2Page - Sanyo Semicon Device ENA1908A Datasheet HTML 3Page - Sanyo Semicon Device ENA1908A Datasheet HTML 4Page - Sanyo Semicon Device ENA1908A Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BMS3004
No. A1908-4/5
Total Gate Charge, Qg -- nC
VGS -- Qg
EAS -- Ta
Ambient Temperature, Ta --
°C
PD -- Ta
PD -- Tc
A S O
Drain-to-Source Voltage, VDS -- V
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
IT16250
0
0
20
40
60
80
100
120
140
100
80
60
20
40
120
160
IT16251
0
0
20
40
60
80
100
140
120
30
35
40
25
15
10
20
5
45
160
IT16249
0
0
20
40
60
80
100
140
120
2.5
2.0
1.0
0.5
1.5
160
IT16261
0
50
200
150
250
100
300
0
--2
--4
--6
--1
--3
--5
--8
--7
--9
--10
--0.1
--1.0
2
3
5
7
2
3
5
7
2
7
3
5
2
3
5
7
--10
--0.1
IDP= --272A (PW≤10μs)
ID= --68A
100
μs
1ms
10ms
100ms
DC
operation
Operation in
this area is
limited by RDS(on).
--1.0
23
5 7
2
--10
--100
35 7
2
35 7
10μ
s
--100
--1000
IT16260
VDS= --48V
ID= --68A
Tc=25
°C
Single pulse


Similar Part No. - ENA1908A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1901A ONSEMI-ENA1901A Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
ENA1902A ONSEMI-ENA1902A Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
ENA1903 SANYO-ENA1903 Datasheet
392Kb / 5P
   General-Purpose Switching Device Applications
ENA1903A SANYO-ENA1903A Datasheet
493Kb / 7P
   General-Purpose Switching Device Applications
ENA1905A SANYO-ENA1905A Datasheet
557Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA1908A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com