Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3LP01SS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 3LP01SS
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP01SS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  3LP01SS_12 Datasheet HTML 1Page - Sanyo Semicon Device 3LP01SS_12 Datasheet HTML 2Page - Sanyo Semicon Device 3LP01SS_12 Datasheet HTML 3Page - Sanyo Semicon Device 3LP01SS_12 Datasheet HTML 4Page - Sanyo Semicon Device 3LP01SS_12 Datasheet HTML 5Page - Sanyo Semicon Device 3LP01SS_12 Datasheet HTML 6Page - Sanyo Semicon Device 3LP01SS_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3LP01SS
No.6648-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID= --1mA, VGS=0V
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS= --30V, VGS=0V
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS= --10V, ID= --100μA
--0.4
--1.4
V
Forward Transfer Admittance
| yfs |
VDS= --10V, ID= --50mA
80
110
mS
Static Drain-to-Source On-State Resistance
RDS(on)1
ID= --50mA, VGS= --4V
8
10.4
Ω
RDS(on)2
ID= --30mA, VGS= --2.5V
11
15.4
Ω
RDS(on)3
ID= --1mA, VGS= --1.5V
27
54
Ω
Input Capacitance
Ciss
VDS= --10V, f=1MHz
7.5
pF
Output Capacitance
Coss
5.7
pF
Reverse Transfer Capacitance
Crss
1.8
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
24
ns
Rise Time
tr
55
ns
Turn-OFF Delay Time
td(off)
120
ns
Fall Time
tf
130
ns
Total Gate Charge
Qg
VDS= --10V, VGS= --10V, ID= --100mA
1.43
nC
Gate-to-Source Charge
Qgs
0.18
nC
Gate-to-Drain “Miller” Charge
Qgd
0.25
nC
Diode Forward Voltage
VSD
IS= --100mA, VGS=0V
--0.83
--1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
3LP01SS-TL-E
SSFP
8,000pcs./reel
Pb Free
3LP01SS-TL-H
SSFP
8,000pcs./reel
Pb Free and Halogen Free
PW=10μs
D.C
.≤1%
0V
--4V
VIN
P.G
50Ω
G
D
ID= --50mA
RL=300Ω
VDD= --15V
VOUT
3LP01SS
S
VIN


Similar Part No. - 3LP01SS_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
3LP01SS-TL-E ONSEMI-3LP01SS-TL-E Datasheet
531Kb / 7P
   P-Channel Small Signal MOSFET
July, 2013
3LP01SS-TL-H ONSEMI-3LP01SS-TL-H Datasheet
531Kb / 7P
   P-Channel Small Signal MOSFET
July, 2013
logo
Sanyo Semicon Device
3LP01SS SANYO-3LP01SS_06 Datasheet
75Kb / 4P
   General-Purpose Switching Device Applications
More results

Similar Description - 3LP01SS_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com