Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0225C Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ENA0225C
Description  General-Purpose Switching Device Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0225C Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ENA0225C Datasheet HTML 1Page - Sanyo Semicon Device ENA0225C Datasheet HTML 2Page - Sanyo Semicon Device ENA0225C Datasheet HTML 3Page - Sanyo Semicon Device ENA0225C Datasheet HTML 4Page - Sanyo Semicon Device ENA0225C Datasheet HTML 5Page - Sanyo Semicon Device ENA0225C Datasheet HTML 6Page - Sanyo Semicon Device ENA0225C Datasheet HTML 7Page - Sanyo Semicon Device ENA0225C Datasheet HTML 8Page - Sanyo Semicon Device ENA0225C Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SK4066
No. A0225-4/9
IDP=400A
ID=100A
100
μs
1ms
10ms
100ms
DC
operation
Operation in
this area is
limited by RDS(on).
≤10μs
10
μs
IT10960
0.1
1.0
2
3
5
7
2
10
3
5
7
2
0.1
1.0
23
5 7
2
10
35 7
2
100
35 7
100
3
5
7
2
1000
3
5
7
IT10475
0
50
200
150
250
100
0
2
4
6
1
3
5
8
7
9
10
VDS=30V
ID=100A
A S O
VGS -- Qg
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Tc=25°C
Single pulse
0
0
20
40
60
80
100
120
2.0
140
160
1.65
1.5
1.0
0.5
IT10482
0
0
20
40
60
80
100
120
100
140
160
40
60
50
70
80
90
30
20
10
IT10483
PD -- Ta
Ambient Temperature, Ta -- °C
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
EAS -- Ta
IT10478
Ambient Temperature, Ta -- °C
PD -- Tc
Case Temperature, Tc -- °C


Similar Part No. - ENA0225C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0241 SANYO-ENA0241 Datasheet
253Kb / 6P
   Monolithic Linear IC 6ch 75ohm Video Driver
logo
ON Semiconductor
ENA0269A ONSEMI-ENA0269A Datasheet
584Kb / 7P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single NMP
September, 2013
More results

Similar Description - ENA0225C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com