Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3703 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SK3703
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3703 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SK3703_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3703_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3703_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3703_12 Datasheet HTML 4Page - Sanyo Semicon Device 2SK3703_12 Datasheet HTML 5Page - Sanyo Semicon Device 2SK3703_12 Datasheet HTML 6Page - Sanyo Semicon Device 2SK3703_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK3703
No.7681-4/7
Case Temperature, Tc --
°C
PD -- Tc
IT05396
0
20
40
60
80
100
120
140
160
0
35
30
25
20
15
10
5
Ambient Temperature, Ta --
°C
PD -- Ta
IT05397
0
20
40
60
80
100
120
140
160
0
0.5
1.0
1.5
2.0
2.5
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
EAS -- Ta
IT10478
Ambient Temperature, Ta --
°C
VGS -- Qg
Total Gate Charge, Qg -- nC
IT05394
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
VDS=30V
ID=30A
Drain-to-Source Voltage, VDS -- V
IT16832
A S O
0.1
2
3
5
5
7
2
3
7
2
3
1.0
10
100
1000
5
7
3
5
7
2
23
5
7
23
5
7
2
3
5
7
0.1
1.0
10
100
ID=30A
Operatuon in this
area is limited by RDS(on).
Tc=25
°C
Single pulse
10
μs
100
μs
1ms
100ms
10ms
DC
operation
IDP=120A(PW≤10μs)


Similar Part No. - 2SK3703_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SK3703-1E ONSEMI-2SK3703-1E Datasheet
261Kb / 7P
   N-Channel Power MOSFET
July, 2013
More results

Similar Description - 2SK3703_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com