Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W91473DL Datasheet(PDF) 1 Page - Winbond

Part # W91473DL
Description  14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91473DL Datasheet(HTML) 1 Page - Winbond

  W91473DL Datasheet HTML 1Page - Winbond W91473DL Datasheet HTML 2Page - Winbond W91473DL Datasheet HTML 3Page - Winbond W91473DL Datasheet HTML 4Page - Winbond W91473DL Datasheet HTML 5Page - Winbond W91473DL Datasheet HTML 6Page - Winbond W91473DL Datasheet HTML 7Page - Winbond W91473DL Datasheet HTML 8Page - Winbond W91473DL Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
W91473 SERIES
14-MEMORY TONE/PULSE SWITCHABLE DIALER
WITH HANDFREE AND LOCK FUNCTIONS
Publication Release Date: February 1995
- 1 -
Revision A3
GENERAL DESCRIPTION
The W91473 series are Si-gate CMOS IC tone/pulse switchable dialers containing a 14-channel
automatic dialing memory, including a 16-digit
× 3 emergency dialing memory and a 16-digit × 10
channel repertory memory that provides a 32-digit mercury memory. These dialers also provide flash,
clear, hold, lock, and one-key redial functions.
FEATURES
DTMF/Pulse switchable dialer
32-digit LNB (last number buffer) memory
32-digit mercury memory
16-digit
× 3 one-touch direct repertory memory
16-digit
× 10 direct repertory memory
Uses 7
× 5 keyboard
Flash time: 98 mS, 305 mS, or 600 mS (selectable by keypad option)
Minimum tone output duration: 93 mS
Minimum intertone pause: 93 mS
On-chip power-on reset
Uses 3.579545 MHz crystal or ceramic resonator
Packaged in 22, 24, or 28-pin plastic DIP
The different dialers in the W91473 series are shown in the following table:
TYPE NO.
PULSE
(ppS)
MEMORY
MERCURY
MEMORY
HOLD
HANDFREE
LOCK
PACKAGE
W91473
10
14
Yes
Yes
-
-
22
W91473L
10
14
-
-
-
Yes
22
W91473A
10
14
Yes
Yes
Yes
-
24
W91473AL
10
14
-
-
Yes
Yes
24
W91473B
10/20
14
Yes
Yes
Yes
-
28
W91473BL
10/20
14
Yes
Yes
Yes
Yes
28
W91473C
10/20
14
Save Memory
Yes
Yes
-
28
W91473CL
10/20
14
Save Memory
Yes
Yes
Yes
28
W91473D
10
14
Save Memory
-
-
-
22
W91473DL
10
14
Save Memory
-
-
Yes
22


Similar Part No. - W91473DL

ManufacturerPart #DatasheetDescription
logo
Winbond
W91472AN WINBOND-W91472AN Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91472BN WINBOND-W91472BN Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91472CN WINBOND-W91472CN Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
More results

Similar Description - W91473DL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Winbond
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91330N WINBOND-W91330N Datasheet
213Kb / 17P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91540N WINBOND-W91540N Datasheet
222Kb / 19P
   10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com