Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W91560DNF Datasheet(PDF) 1 Page - Winbond

Part # W91560DNF
Description  3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91560DNF Datasheet(HTML) 1 Page - Winbond

  W91560DNF Datasheet HTML 1Page - Winbond W91560DNF Datasheet HTML 2Page - Winbond W91560DNF Datasheet HTML 3Page - Winbond W91560DNF Datasheet HTML 4Page - Winbond W91560DNF Datasheet HTML 5Page - Winbond W91560DNF Datasheet HTML 6Page - Winbond W91560DNF Datasheet HTML 7Page - Winbond W91560DNF Datasheet HTML 8Page - Winbond W91560DNF Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Preliminary W91560DN SERIES
3-MEMORY TONE/PULSE DIALER WITH
RTC AND LCD DISPLAY FUNCTIONS
Publication Release Date: May 1997
- 1 -
Revision A2
GENERAL DESCRIPTION
The W91560DN series ICs are Si-gate CMOS ICs that provide the signals needed for either pulse or
tone dialing. They feature 3 number memories and a 12/16-digit LCD driver for displaying telephone
numbers and calling time. A real time clock is included to display the time of day. The W91560DN
series is fabricated using CMOS technology and thus provide good performance in low voltage, low
power applications.
FEATURES
One by 32 digits for redial
Three by 32 digits for one-touch direct repertory memory
Uses 5
× 6 keyboard
Pause, Pulse-to-tone (*/T) can be stored as a digit in memory
Flash can be stored as a digit in memory when in store mode
Minimum tone output duration: 87 mS (81 mS for W91564DNF and W91565DNF)
Minimum intertone pause: 87 mS
Tone/Pulse mode pin selectable
Make/Break ratio pin selectable
Dialing rate: 10 ppS
Pause time: 3.6 Sec. (2.0 Sec. for W91564DNF and W91565DNF)
Flash break time (73 mS, 100 mS, 300 mS or 600 mS) selectable by keypad
Built-in 12 or 16-digit LCD driver
(1/4 duty, 1/3 bias) selectable by mask option
Built-in calling timer from [00:00] to [59:59]
Memory check function
On-chip power-on reset and clear LCD
Uses 3.579545 MHz TV quartz crystal or ceramic resonator
Uses 32768 Hz crystal as RTC frequency base
Switchable 24-hour clock or 12-hour clock with p.m. mode by keypad
0 or 9 dialing inhibition pin for PABX systems or long distance dialing lock out
On-hook debounce: 150 mS in normal mode and 20 mS in lock mode
Off-hook delay 300 mS in lock mode (DP will keep low for 300 mS while off hook except the first
off hook after power on reset that DP will keep high for 100 mS then go low for 200 mS)
First key-in delay: 300 mS in lock mode
Mixed dialing allowed
Packaged in 64-pin plastic QFP with RTC
The functions of the different dialers in the W91560DN series are shown in following table:


Similar Part No. - W91560DNF

ManufacturerPart #DatasheetDescription
logo
Winbond
W91560AN WINBOND-W91560AN Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91560BN WINBOND-W91560BN Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
More results

Similar Description - W91560DNF

ManufacturerPart #DatasheetDescription
logo
Winbond
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91570DN WINBOND-W91570DN Datasheet
709Kb / 45P
   23-MEMORY TONE/PULSE DIALER WITH AUTOREDIAL REC AND LCD DISPLAY FUNCTIONS
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
   23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91550DN WINBOND-W91550DN Datasheet
468Kb / 32P
   13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com