Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W91473D Datasheet(PDF) 3 Page - Winbond

Part # W91473D
Description  14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91473D Datasheet(HTML) 3 Page - Winbond

  W91473D Datasheet HTML 1Page - Winbond W91473D Datasheet HTML 2Page - Winbond W91473D Datasheet HTML 3Page - Winbond W91473D Datasheet HTML 4Page - Winbond W91473D Datasheet HTML 5Page - Winbond W91473D Datasheet HTML 6Page - Winbond W91473D Datasheet HTML 7Page - Winbond W91473D Datasheet HTML 8Page - Winbond W91473D Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
W91473 SERIES
Publication Release Date: February 1995
- 3 -
Revision A3
PIN DESCRIPTION
SYMBOL
22-PIN
24-PIN
28-PIN
I/O
FUNCTION
Column-
Row
Inputs
1
−7
&
18
−22
1
−7
&
20
−24
1
−8
&
24
−28
I
The keyboard input may be used with
either the standard 7
× 5 keyboard or an
inexpensive single contact (form A)
keyboard. Electronic input with
µC can
also be used.
A valid key entry is defined by a single
row being connected to a single column.
XT, XT
9, 10
9, 10
11, 12
I, O
A built-in inverter provides oscillation with
an inexpensive 3.579545 MHz crystal or
ceramic resonator.
T/P
MUTE
11
11
13
O
The T/P MUTE is a conventional CMOS
N-channel open drain output. The output
transistor is switched on during pulse and
tone mode dialing sequence and flash
break. Otherwise, it is switched off.
DP
13
15
17
O
N-channel open drain dialing pulse output
(Figure 1).
Flash key causes DP to go active when in
pulse mode and tone mode.
MODE
15
17
19
I
Pulling mode pin to VSS places the dialer
in tone mode.
Pulling mode pin to VDD places the dialer
in pulse mode (10 ppS, M/B = 2:3).
Leaving mode pin floating places the
dialer in pulse mode (10 ppS, M/B = 1:2).
HKS
12
14
16
I
Hook switch input.
HKS = 1: On-hook state. Chip in sleep
mode, no operation.
HKS = 0: Off-hook state. Chip enabled for
normal operation.
HKS pin is pulled to VDD by internal
resistor.


Similar Part No. - W91473D

ManufacturerPart #DatasheetDescription
logo
Winbond
W91472AN WINBOND-W91472AN Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91472BN WINBOND-W91472BN Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91472CN WINBOND-W91472CN Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
More results

Similar Description - W91473D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Winbond
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91330N WINBOND-W91330N Datasheet
213Kb / 17P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91540N WINBOND-W91540N Datasheet
222Kb / 19P
   10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com