Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX44000PMB1 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX44000PMB1
Description  MAX44000PMB1 Peripheral Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44000PMB1 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX44000PMB1 Datasheet HTML 1Page - Maxim Integrated Products MAX44000PMB1 Datasheet HTML 2Page - Maxim Integrated Products MAX44000PMB1 Datasheet HTML 3Page - Maxim Integrated Products MAX44000PMB1 Datasheet HTML 4Page - Maxim Integrated Products MAX44000PMB1 Datasheet HTML 5Page - Maxim Integrated Products MAX44000PMB1 Datasheet HTML 6Page - Maxim Integrated Products MAX44000PMB1 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GND
V CC2
GND
SDA
SCL
IN T
VCC2
LED 1
LED -SFH 4651
V CC2
V CC2
GND
GND
SCL
SDA
GND
VCC
R5
4.7k
VCC2 V CC2
R6
4.7k
IN T
1
2
3
4
5
6
J1
R1
150
R2
150
R3
150
R4
33
V CC2
C1
2.2uF
R7
4.7k
C2
0.1uF
1
2
3
4
5
6
7
8
J2
VDD
1
GND
2
DRV
3
IN T
4
SCL
5
SDA
6
U1 MA X 44000GDT+
_________________________________________________________________ Maxim Integrated Products 3
MAX44000PMB1 Peripheral Module
Software and FPGA Code
Example software and drivers are available that execute
directly without modification on several FPGA devel-
opment boards that support an integrated or synthe-
sized microprocessor. These boards include the Digilent
Nexys 3, Avnet LX9, and Avnet ZEDBoard, although
other platforms can be added over time. Maxim provides
complete Xilinx ISE projects containing HDL, Platform
Studio, and SDK projects. In addition, a synthesized bit
stream, ready for FPGA download, is provided for the
demonstration application.
The software project (for the SDK) contains several
source files intended to accelerate customer evalu-
ation and design. These include a base application
(maximModules.c) that demonstrates module function-
ality and uses an API interface (maximDeviceSpecific
Utilities.c) to set and access Maxim device functions
within a specific module.
The source code is written in standard ANSI C format, and
all API documentation including theory/operation, register
description, and function prototypes are documented in
the API interface file (maximDeviceSpecificUtilities.h & .c).
The complete software kit is available for download at
www.maxim-ic.com. Quick start instructions are also
available as a separate document.
Figure 1. MAX44000PMB11 Peripheral Module Schematic


Similar Part No. - MAX44000PMB1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
More results

Similar Description - MAX44000PMB1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231MPMB1 MAXIM-DS3231MPMB1 Datasheet
1Mb / 7P
   DS3231MPMB1 Peripheral Module
Rev 0; 5/12
MAX14840PMB1 MAXIM-MAX14840PMB1 Datasheet
1Mb / 7P
   MAX14840PMB1 Peripheral Module
Rev 0; 5/12
MAX3232PMB1 MAXIM-MAX3232PMB1 Datasheet
1Mb / 9P
   MAX3232PMB1 Peripheral Module
Rev 0; 5/12
MAX14850PMB1 MAXIM-MAX14850PMB1 Datasheet
1Mb / 7P
   MAX14850PMB1 Peripheral Module
Rev 0; 5/12
MAX31855PMB1 MAXIM-MAX31855PMB1 Datasheet
936Kb / 7P
   MAX31855PMB1 Peripheral Module
Rev 0; 5/12
MAX5825PMB1 MAXIM-MAX5825PMB1 Datasheet
1Mb / 8P
   MAX5825PMB1 Peripheral Module
Rev 0; 5/12
MAX7304PMB1 MAXIM-MAX7304PMB1 Datasheet
1Mb / 8P
   MAX7304PMB1 Peripheral Module
Rev 0; 5/12
DS1086LPMB1 MAXIM-DS1086LPMB1 Datasheet
1Mb / 8P
   DS1086LPMB1 Peripheral Module
Rev 0; 5/12
MAX4824PMB1 MAXIM-MAX4824PMB1 Datasheet
2Mb / 7P
   MAX4824PMB1 Peripheral Module
Rev 0; 5/12
MAX5216PMB1 MAXIM-MAX5216PMB1 Datasheet
1Mb / 7P
   MAX5216PMB1 Peripheral Module
Rev 0; 5/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com