Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX31782 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX31782
Description  System Management Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31782 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX31782_12 Datasheet HTML 1Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 2Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 3Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 4Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 5Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 6Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 7Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 8Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
System Management Microcontroller
5
ELECTRICAL CHARACTERISTICS: JTAG INTERFACE
(VDD = 2.7V to 5.5V, TA = -40NC to +85NC, unless otherwise noted.) (Figure 2)
Note 1: All voltages are referenced to ground (VSS). Currents entering the IC are specified positive and currents exiting the IC are
negative.
Note 2: This value does not include current in SDA, SCL, and P6.0–P6.4.
Note 3: Guaranteed by design.
Note 4: ADCCLK = SYSCLK/16. This is following an initial startup time of approximately 80µs.
Note 5: Base line accuracy of reference source + 0.25% introduced by the MAX31782.
Note 6: The voltage applied to the pins must not exceed their corresponding absolute maximum voltages.
Note 7: ADC has no missing codes.
Note 8: Minimum SCL frequency applies only when in I2C master mode.
Note 9: After this period, the first clock pulse can be generated.
Note 10: This device internally provides a hold time of at least 25ns for the SDA signal (referenced to the VIHMIN of the SCL signal)
to bridge the undefined region of the falling edge of SCL.
Note 11: CB—Total capacitance of one bus line in pF.
Note 12: Filters on SDA and SCL suppress noise spikes at the input buffers and delay the sampling instant.
Figure 1. I2C-Compatible Bus Timing Diagram
SCL
NOTE: TIMING IS REFERENCED TO VILMAX AND VIHMIN.
SDA
STOP
START
REPEATED
START
tBUF
tHD:STA
tHD:DAT
tSU:DAT
tSU:STO
tHD:STA
tSP
tSU:STA
tHIGH
tR
tF
tLOW
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
JTAG Logic Reference
VREF
VDD/2
V
TCK High Time
tTH
1
F
s
TCK Low Time
tTL
1
F
s
TCK Low to TDO Output
tTLQ
0.125
F
s
TMS, TDI Input Setup to TCK
High
tDVTH
0.30
F
s
TMS, TDI Input Hold after TCK
High
tTHDX
0.25
F
s


Similar Part No. - MAX31782_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31782 MAXIM-MAX31782_11 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 1; 11/11
More results

Similar Description - MAX31782_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31782 MAXIM-MAX31782 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 0; 6/10
MAX31782 MAXIM-MAX31782_11 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 1; 11/11
logo
Level One
CMS LVL1-CMS Datasheet
1Mb / 2P
   Central Management System
logo
Exar Corporation
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
   Power Management System
logo
STMicroelectronics
AN2202 STMICROELECTRONICS-AN2202 Datasheet
128Kb / 12P
   STR73x microcontroller power management
AN2100 STMICROELECTRONICS-AN2100 Datasheet
254Kb / 23P
   STR71x microcontroller power management
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
   Battery management system solution
October 2022 Rev 1
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com