Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W91521N Datasheet(PDF) 2 Page - Winbond

Part # W91521N
Description  TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91521N Datasheet(HTML) 2 Page - Winbond

  W91521N Datasheet HTML 1Page - Winbond W91521N Datasheet HTML 2Page - Winbond W91521N Datasheet HTML 3Page - Winbond W91521N Datasheet HTML 4Page - Winbond W91521N Datasheet HTML 5Page - Winbond W91521N Datasheet HTML 6Page - Winbond W91521N Datasheet HTML 7Page - Winbond W91521N Datasheet HTML 8Page - Winbond W91521N Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
W91520N SERIES
- 2 -
PIN CONFIGURATIONS
C4
1
2
3
4
5
6
7
8
9
10
HKS
DTMF
MODE
R4
R3
R2
R1
VDD
13
18
20
19
17
16
15
14
12
11
HFO
W91520AN/W91521AN
C1
C2
C3
SS
V
XT
XT
T/P MUTE
HFI
H/P MUTE
DP/C5
W91520N/W91521N
1
2
3
4
5
6
7
8
9
HKS
DTMF
MODE
R4
R3
R2
R1
VDD
12
18
17
16
15
14
10
11
13
C1
C2
C3
C4
SS
V
XT
XT
T/P MUTE
H/P MUTE
DP/C5
PIN DESCRIPTION
SYMBOL
18-PIN
20-PIN
I/O
FUNCTION
Column-
Row
Inputs
1
−4
&
15
−18
1
−4
&
17
−20
I
The keyboard inputs may be used with either a
standard 5
× 5 keyboard or an inexpensive single
contact (Form A) keyboard. Electronic input from a
µC
can also be used. A valid key-in is defined as a single
row being connected to a single column.
XT, XT
7, 8
7, 8
I, O
A built-in inverter provides oscillation with an
inexpensive 3.579545 MHz crystal or ceramic
resonator.
T/P MUTE
9
9
O
The T/P MUTE is a conventional CMOS N-channel
open drain output.
The output transistor is switched on during dialing
sequence, one-key redial break, and flash break time.
Otherwise, it is switched off.
MODE
13
15
I
Pulling mode pin to VSS places the dialer in tone
mode.
Pulling mode pin to VDD places the dialer in pulse
mode (10 ppS; 20 ppS for W91521N/521AN, M/B =
40:60).
Floating mode pin places the dialer in pulse mode
(10 ppS; 20 ppS for W91521N/521AN, M/B =
33.3:66.7).


Similar Part No. - W91521N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W91500J BOURNS-W91500J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Winbond
W91510 WINBOND-W91510 Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
More results

Similar Description - W91521N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91360N WINBOND-W91360N Datasheet
190Kb / 14P
   3-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Winbond
W91330N WINBOND-W91330N Datasheet
213Kb / 17P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com