Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5907MFX-3.3-NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LP5907MFX-3.3-NOPB
Description  ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907MFX-3.3-NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5907MFX-3.3-NOPB Datasheet HTML 3Page - Texas Instruments LP5907MFX-3.3-NOPB Datasheet HTML 4Page - Texas Instruments LP5907MFX-3.3-NOPB Datasheet HTML 5Page - Texas Instruments LP5907MFX-3.3-NOPB Datasheet HTML 6Page - Texas Instruments LP5907MFX-3.3-NOPB Datasheet HTML 7Page - Texas Instruments LP5907MFX-3.3-NOPB Datasheet HTML 8Page - Texas Instruments LP5907MFX-3.3-NOPB Datasheet HTML 9Page - Texas Instruments LP5907MFX-3.3-NOPB Datasheet HTML 10Page - Texas Instruments LP5907MFX-3.3-NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
100 s/DIV
VOUT
100 mV/DIV
LOAD
200 mA/DIV
SVA-30180512
10 s/DIV
10 mV/
DIV
1V/DIV
VIN
VOUT
(AC Coupled)
SVA-30180511
2 ms/DIV
VOUT
2V/DIV
2V/DIV
1A/DIV
VIN = VEN
IIN
SVA-30180509
10 s/DIV
VOUT
(AC Coupled)
10 mV/
DIV
1V/DIV
VIN
SVA-30180510
0
50
100
150
200
250
2.700
2.725
2.750
2.775
2.800
2.825
2.850
2.875
2.900
LOAD (mA)
VIN= 3.6V
-40°C
90°C
25°C
SVA-30180567
3.0
3.5
4.0
4.5
5.0
5.5
2.700
2.725
2.750
2.775
2.800
2.825
2.850
2.875
2.900
VIN(V)
Load = 10 mA
-40°C
90°C
25°C
SVA-30180568
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
IOUT(mA)
VIN = 3.0V
VIN = 3.8V
VIN = 4.2V
VIN = 5.5V
SVA-30180571
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
0
2
4
6
8
10
12
14
16
VIN(V)
SVA-30180569
LP5907
www.ti.com
SNVS798D – APRIL 2012 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS
Unless otherwise noted, these curves apply to the micro SMD package only, VOUT = 2.8 V, VIN = 3.7 V, EN = 1.2 V,
CIN = 1 µF, COUT = 1 µF, TA = 25°C.
Quiescent Current
Ground Current
vs
vs
Input Voltage
Output Current
Load Regulation
Line Regulation
Line Transient
Inrush Current
VIN = 3.2 V ↔ 4.2 V, Load = 1 mA
Line Transient
Load Transient,
VIN = 3.2 V ↔ 4.2 V, Load = 250 mA
Load = 0 mA
↔ 250 mA, -40°C
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP5907


Similar Part No. - LP5907MFX-3.3-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907MFX-3.3/NOPB TI1-LP5907MFX-3.3/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
LP5907MFX-3.3/NOPB TI1-LP5907MFX-3.3/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907MFX-3.3/NOPB TI1-LP5907MFX-3.3/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907MFX-3.3/NOPB TI1-LP5907MFX-3.3/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907MFX-3.3/NOPB TI1-LP5907MFX-3.3/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
More results

Similar Description - LP5907MFX-3.3-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
[Old version datasheet]   Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907_15 TI-LP5907_15_15 Datasheet
1Mb / 36P
[Old version datasheet]   LP5907 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
logo
ON Semiconductor
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
logo
Texas Instruments
LP8900 TI-LP8900_15 Datasheet
1Mb / 23P
[Old version datasheet]   LP8900 Ultra-Low-Noise, Dual 200-mA Linear Regulator For RF and Analog Circuits
LP5907-Q1 TI-LP5907-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   LP5907-Q1 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
logo
National Semiconductor ...
LP8900 NSC-LP8900 Datasheet
351Kb / 14P
   Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
   Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5910 TI-LP5910_15 Datasheet
994Kb / 27P
[Old version datasheet]   LP5910 Ultra-Low-Noise, 300-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com