Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5907MFX-3.2-NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LP5907MFX-3.2-NOPB
Description  ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907MFX-3.2-NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP5907MFX-3.2-NOPB Datasheet HTML 1Page - Texas Instruments LP5907MFX-3.2-NOPB Datasheet HTML 2Page - Texas Instruments LP5907MFX-3.2-NOPB Datasheet HTML 3Page - Texas Instruments LP5907MFX-3.2-NOPB Datasheet HTML 4Page - Texas Instruments LP5907MFX-3.2-NOPB Datasheet HTML 5Page - Texas Instruments LP5907MFX-3.2-NOPB Datasheet HTML 6Page - Texas Instruments LP5907MFX-3.2-NOPB Datasheet HTML 7Page - Texas Instruments LP5907MFX-3.2-NOPB Datasheet HTML 8Page - Texas Instruments LP5907MFX-3.2-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LP5907
www.ti.com
SNVS798D – APRIL 2012 – REVISED NOVEMBER 2012
ELECTRICAL CHARACTERISTICS
(1)(2)(3) (continued)
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the full operating junction temperature range
(–40°C
≤ TJ ≤ +125°C). Unless otherwise noted, specifications apply to LP5907 (all packages) Typical Application Circuit (pg.
1) with:
VIN = VOUT (NOM) + 1 V, VEN = 1.2 V, CIN = 1 µF, COUT = 1 µF, IOUT = 1 mA.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSIENT CHARACTERISTICS
VIN = (VOUT(NOM) + 1 V) to (VOUT(NOM) + 1.6 V)
–1
in 30 µs, IOUT = 1 mA
Line transient(11)
mV
VIN = (VOUT(NOM) + 1.6 V) to (VOUT(NOM) + 1 V)
1
in 30 µs, IOUT = 1 mA
ΔVOUT
IOUT = 1mA to 200 mA in 10 µs
–40
Load transient(11)
mV
IOUT = 200 mA to 1mA in 10 µs
40
Overshoot on startup(11)
Stated as a percentage of nominal VOUT
5
%
Turn-on time
To 95% of VOUT(NOM)
80
150
µs
(11) This specification is ensured by design.
OUTPUT AND INPUT CAPACITORS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX
UNIT
CIN
Input capacitance(2)
0.7
1
Capacitance for stability
µF
COUT
Output capacitance(2)
0.7
1
10
ESR
Output/Input capacitance(2)
5
500
m
Ω
(1)
Note: The minimum capacitance should be greater than 0.5
μF over the full range of operating conditions. The capacitor tolerance
should be 30% or better over the full temperature range. The full range of operating conditions for the capacitor in the application should
be considered during device selection to ensure this minimum capacitance specification is met. X7R capacitors are recommended
however capacitor types X5R, Y5V and Z5U may be used with consideration of the application and conditions.
(2)
This specification is guaranteed by design.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP5907


Similar Part No. - LP5907MFX-3.2-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907MFX-3.2/NOPB TI1-LP5907MFX-3.2/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
LP5907MFX-3.2/NOPB TI1-LP5907MFX-3.2/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907MFX-3.2/NOPB TI1-LP5907MFX-3.2/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907MFX-3.2/NOPB TI1-LP5907MFX-3.2/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907MFX-3.2/NOPB TI1-LP5907MFX-3.2/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
More results

Similar Description - LP5907MFX-3.2-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
[Old version datasheet]   Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907_15 TI-LP5907_15_15 Datasheet
1Mb / 36P
[Old version datasheet]   LP5907 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
logo
ON Semiconductor
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
logo
Texas Instruments
LP8900 TI-LP8900_15 Datasheet
1Mb / 23P
[Old version datasheet]   LP8900 Ultra-Low-Noise, Dual 200-mA Linear Regulator For RF and Analog Circuits
LP5907-Q1 TI-LP5907-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   LP5907-Q1 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
logo
National Semiconductor ...
LP8900 NSC-LP8900 Datasheet
351Kb / 14P
   Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
   Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5910 TI-LP5910_15 Datasheet
994Kb / 27P
[Old version datasheet]   LP5910 Ultra-Low-Noise, 300-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com