Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4824PMB1 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4824PMB1
Description  MAX4824PMB1 Peripheral Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4824PMB1 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4824PMB1 Datasheet HTML 1Page - Maxim Integrated Products MAX4824PMB1 Datasheet HTML 2Page - Maxim Integrated Products MAX4824PMB1 Datasheet HTML 3Page - Maxim Integrated Products MAX4824PMB1 Datasheet HTML 4Page - Maxim Integrated Products MAX4824PMB1 Datasheet HTML 5Page - Maxim Integrated Products MAX4824PMB1 Datasheet HTML 6Page - Maxim Integrated Products MAX4824PMB1 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DESIGNATION
QTY
DESCRIPTION
J1
1
12-pin (2 x 6) right-angle male
header
J2
1
10-pin (2 x 5) straight male
header
R1–R8
8
150I Q5% resistors (0603)
U1
1
8-channel relay driver
(20 TQFN-EP*)
Maxim MAX4824ETP+
1
PCB: EPCB4824PM1
SUPPLIER
PHONE
WEBSITE
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
TDK Corp.
847-803-6100
www.component.tdk.com
DESIGNATION
QTY
DESCRIPTION
C1
1
1FF Q10%, 10V X7R ceramic
capacitor (0603)
TDK C1608X7R1A105K
C2
1
0.1FF Q10%, 16V X7R ceramic
capacitor (0603)
Murata GRM188R71C104KA01D
C3
1
2.2FF Q10%, 10V X5R ceramic
capacitor (0603)
TDK C1608X5R1A225K/0.80
PIN
SIGNAL
DESCRIPTION
1
CS
Chip-select input. This active-low
signal latches in the values of LVL and
A2, A1, A0.
2
LVL
Level input. When latched by CS, this
signal determines whether a relay at a
given address (A2, A1, A0) is active.
3
A1
A1 input. Relay address bit 1.
4
A0
A0 input. Relay address bit 0.
5
GND
Ground
6
VCC
Power supply
7
A2
A2 input. Relay address bit 2.
8
RES
Reset Input. This active-low pin sets all
eight relays inactive.
9
SET
Set Input. This active-low pin sets all
eight relays active.
10
PSAVE
Reduces coil current to relay
hold-current threshold.
11
GND
Ground
12
VCC
Power supply
_________________________________________________________________ Maxim Integrated Products 2
MAX4824PMB1 Peripheral Module
Component Suppliers
Note: Indicate that you are using the MAX4824PMB1 when contacting these component suppliers.
Component List
Detailed Description
GPIO Interface
The MAX4824PMB1 peripheral module can interface to
the host by plugging directly into a Pmod-compatible
port (configured for GPIO) through connector J1.
J1 provides connection of the module to the Pmod host
through an interface similar to the Pmod Type 1 standard
recommended by Digilent, but incorporates a 12in con-
nector with eight I/O pins. See Table 1.
The J2 connector provides the connection to the open-
drain relay outputs. See Table 2.
Software and FPGA Code
Example software and drivers are available that execute
directly without modification on several FPGA develop-
ment boards, which support an integrated or synthe-
sized microprocessor. These boards include the Digilent
Nexys 3, Avnet LX9, and Avnet ZEDBoard, although
other platforms can be added over time. Maxim provides
complete Xilinx ISE projects containing HDL, Platform
Studio, and SDK projects. In addition, a synthesized bit
stream, ready for FPGA download, is provided for the
demonstration application.
Table 1. Connector J1
(GPIO Communication)
*EP = Exposed pad.


Similar Part No. - MAX4824PMB1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4824 MAXIM-MAX4824 Datasheet
710Kb / 19P
   3.3V/5V, 8-Channel Relay Drivers with Fast Recovery Time and Power-Save Mode
Rev 0; 8/05
MAX4824ETP MAXIM-MAX4824ETP Datasheet
710Kb / 19P
   3.3V/5V, 8-Channel Relay Drivers with Fast Recovery Time and Power-Save Mode
Rev 0; 8/05
More results

Similar Description - MAX4824PMB1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231MPMB1 MAXIM-DS3231MPMB1 Datasheet
1Mb / 7P
   DS3231MPMB1 Peripheral Module
Rev 0; 5/12
MAX14840PMB1 MAXIM-MAX14840PMB1 Datasheet
1Mb / 7P
   MAX14840PMB1 Peripheral Module
Rev 0; 5/12
MAX44000PMB1 MAXIM-MAX44000PMB1 Datasheet
1Mb / 7P
   MAX44000PMB1 Peripheral Module
Rev 0; 5/12
MAX3232PMB1 MAXIM-MAX3232PMB1 Datasheet
1Mb / 9P
   MAX3232PMB1 Peripheral Module
Rev 0; 5/12
MAX14850PMB1 MAXIM-MAX14850PMB1 Datasheet
1Mb / 7P
   MAX14850PMB1 Peripheral Module
Rev 0; 5/12
MAX31855PMB1 MAXIM-MAX31855PMB1 Datasheet
936Kb / 7P
   MAX31855PMB1 Peripheral Module
Rev 0; 5/12
MAX5825PMB1 MAXIM-MAX5825PMB1 Datasheet
1Mb / 8P
   MAX5825PMB1 Peripheral Module
Rev 0; 5/12
MAX7304PMB1 MAXIM-MAX7304PMB1 Datasheet
1Mb / 8P
   MAX7304PMB1 Peripheral Module
Rev 0; 5/12
DS1086LPMB1 MAXIM-DS1086LPMB1 Datasheet
1Mb / 8P
   DS1086LPMB1 Peripheral Module
Rev 0; 5/12
MAX5216PMB1 MAXIM-MAX5216PMB1 Datasheet
1Mb / 7P
   MAX5216PMB1 Peripheral Module
Rev 0; 5/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com