Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

140-A-126-SMD-02 Datasheet(PDF) 6 Page - Vicor Corporation

Part # 140-A-126-SMD-02
Description  VI BRICK짰 AC Front End Evaluation Board
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

140-A-126-SMD-02 Datasheet(HTML) 6 Page - Vicor Corporation

  140-A-126-SMD-02 Datasheet HTML 1Page - Vicor Corporation 140-A-126-SMD-02 Datasheet HTML 2Page - Vicor Corporation 140-A-126-SMD-02 Datasheet HTML 3Page - Vicor Corporation 140-A-126-SMD-02 Datasheet HTML 4Page - Vicor Corporation 140-A-126-SMD-02 Datasheet HTML 5Page - Vicor Corporation 140-A-126-SMD-02 Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The Power Behind Performance
vicorpower.com
Applications Engineering: 800 735.6200
Rev 1.2
Page 6
12/2012
Input Current Measurement
A current probe can be passed around either input lead connected to the VI BRICK AC
Front End Evaluation Board. Note that an input capacitor on the evaluation board is
downstream of this measurement point.
Enable (EN)
DANGER! HIGH VOLTAGE!
The EN pin can be used to disable the VI BRICK AC Front End module. Connecting EN
to the –IN-PFM pin will disable the module. This will also clear any latching output OVP
fault if one has occurred. Note that the EN pin is referenced to the primary (hazardous
voltage) side of the converter. Warning: The EN Pin, or the –IN PFM Pin must not be
connected to line or output of the VIBRICK AC Front End.
Efficiency Measurement
As the VI BRICK AC Front End module can deliver and consume large currents, the ef-
fect of the PCB must be considered when making an efficiency measurement. Be certain
to accurately measure the voltage using test points TP08 (LINE1) , TP14 (LINE2/NEU-
TRAL), TP18 (–OUT), and TP01 (+OUT). Using these test points will more closely repre-
sent the efficiency of the VI BRICK AC Front End module.
Hardware
The hardware kit provided with the evaluation board includes the following:
> (10) #10 internal tooth lock washers
> (10) #10-32 hex nuts
> (10) #10 external tooth lock washers
> (4) F-F standoffs
> (10) #10-32 screws
> (8) M3 x 5 mm screws
> (4) Rubber feet
Ring lugs are also recommended for making output connections.
Thermals
For most lab environments a fan blowing across the evaluation board is recommended.
See VI BRICK Thermal Management Application Note at:
vicorpower.com/documents/application_notes/AN_Vibrick%20%20thermManage.pdf
or contact Vicor Applications Engineering for assistance (800) 927-9474.
Ordering Information
The evaluation board is specified by replacing the “–00” suffix with “–CB” on the VI
BRICK AC Front End model number (FE175D480C033FP-CB).


Similar Part No. - 140-A-126-SMD-02

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
140-A-126-SMD WECO-140-A-126-SMD Datasheet
139Kb / 1P
   PCB connector for SMD Screw connection, with solder flanges
11.17
140-A-126-SMD/02 WECO-140-A-126-SMD/02 Datasheet
139Kb / 1P
   PCB connector for SMD Screw connection, with solder flanges
11.17
140-A-126-SMD/02-TR WECO-140-A-126-SMD/02-TR Datasheet
139Kb / 1P
   PCB connector for SMD Screw connection, with solder flanges
11.17
140-A-126-SMD/03 WECO-140-A-126-SMD/03 Datasheet
139Kb / 1P
   PCB connector for SMD Screw connection, with solder flanges
11.17
140-A-126-SMD/03-TR WECO-140-A-126-SMD/03-TR Datasheet
139Kb / 1P
   PCB connector for SMD Screw connection, with solder flanges
11.17
More results

Similar Description - 140-A-126-SMD-02

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FE175D480M033FP-CB VICOR-FE175D480M033FP-CB Datasheet
3Mb / 20P
   VI Brick짰 AC Front End
IB050Q096T70N1-CB VICOR-IB050Q096T70N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050Q096T64N1-CB VICOR-IB050Q096T64N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050E096T48N1-CB VICOR-IB050E096T48N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB048E096T40N1-CB VICOR-IB048E096T40N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050E096T40N1-CB VICOR-IB050E096T40N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
VI-AIM-E1 VICOR-VI-AIM-E1 Datasheet
84Kb / 2P
   VI-AIM (Universal AC Input Front End Module)
logo
NXP Semiconductors
AN11101 NXP-AN11101 Datasheet
632Kb / 20P
   BGU7007 GPS front end evaluation board
Rev. 1-7 September 2011
logo
Vicor Corporation
LCAS6-10-L VICOR-LCAS6-10-L Datasheet
693Kb / 4P
   VI CHIP Evaluation Board
logo
Analog Devices
EVAL-AD73360LEB AD-EVAL-AD73360LEB Datasheet
285Kb / 9P
   AD73360L Evaluation Board, Six Input Channel Analog Front End
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com