Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT8857 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TAT8857
Description  CATV Doubler ??Hybrid RFIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8857 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TAT8857 Datasheet HTML 1Page - TriQuint Semiconductor TAT8857 Datasheet HTML 2Page - TriQuint Semiconductor TAT8857 Datasheet HTML 3Page - TriQuint Semiconductor TAT8857 Datasheet HTML 4Page - TriQuint Semiconductor TAT8857 Datasheet HTML 5Page - TriQuint Semiconductor TAT8857 Datasheet HTML 6Page - TriQuint Semiconductor TAT8857 Datasheet HTML 7Page - TriQuint Semiconductor TAT8857 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TAT8857
CATV Doubler
– Hybrid RFIC
Data Sheet: Rev C 06-05-12
- 1 of 8 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
SOIC-16 Wide Package
CATV Line Amplifiers
CATV System Amplifiers
Distribution Nodes
Green Applications
Product Features
Functional Block Diagram
75 Ω, 40 – 1000 MHz Bandwidth
GaAs pHEMT & MESFET Technology
21 – 27 dB configurable gain
Integrated linearization
Flexible bias voltage and current for optimum
efficiency
SOIC-16 Wide Package
General Description
Pin Configuration
The TAT8857 is a cost effective 75 Ω RFIC Amplifier
designed for use in Doubler CATV applications up to 1000
MHz.
It works with readily available SMT baluns and
transformers to provide a highly flexible low cost
replacement for traditional hybrids.
Gain of the TAT8857 may be easily adjusted by varying
external components, allowing for a family of Doubler
solutions to be developed from a single RFIC.
The TAT8857 provides integrated linearization to improve
the 3
rd order distortion performance.
The TAT8857 may be protected against transient surges
with the TQP200002 and an output high pass filter
network. Consult TriQuint for discussion.
The TAT8857 supports traditional 24 V and 12 V supply
voltages. Bias current may be adjusted to suit particular
requirements with standard or active biasing approaches.
Consult TriQuint for further discussion.
Pin #
Symbol
Pin #
Symbol
1
OUT 1A
10
IN 2B
2
LIN ADJ A
11
OUT 2B
3
IN 1A
12
GATE B
4
BIAS 1A
13
GATE A
5
BIAS 1B
14
OUT 2A
6
IN 1B
15
IN 2A
7
LIN ADJ B
16
BIAS 2A
8
OUT 1B
17
GND
9
BIAS 2B
Ordering Information
Part No.
Description
TAT8857
RFIC
TAT8857-EB
evaluation board
Standard T/R size = 1000 pieces on a 7” reel.


Similar Part No. - TAT8857

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8857A1H TRIQUINT-TAT8857A1H Datasheet
776Kb / 12P
   CATV Doubler ??Hybrid RFIC
TAT8857A1H-PCB12V TRIQUINT-TAT8857A1H-PCB12V Datasheet
776Kb / 12P
   CATV Doubler ??Hybrid RFIC
TAT8857A1H-PCB24V TRIQUINT-TAT8857A1H-PCB24V Datasheet
776Kb / 12P
   CATV Doubler ??Hybrid RFIC
TAT8857A1H TRIQUINT-TAT8857A1H_15 Datasheet
776Kb / 12P
   CATV Doubler ??Hybrid RFIC
More results

Similar Description - TAT8857

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8857A1H TRIQUINT-TAT8857A1H_15 Datasheet
776Kb / 12P
   CATV Doubler ??Hybrid RFIC
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
   CATV Power Doubler Hybrid
logo
TriQuint Semiconductor
TAT8888 TRIQUINT-TAT8888_15 Datasheet
301Kb / 4P
   CATV GaN Power Doubler Hybrid
logo
Qorvo, Inc
TAT8888 QORVO-TAT8888 Datasheet
341Kb / 4P
   CATV GaN Power Doubler Hybrid
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
   CATV Power Doubler Hybrid 1218MHz 28dB
QPA3357 QORVO-QPA3357_V01 Datasheet
257Kb / 4P
   CATV Power Doubler Hybrid 1218MHz 28dB
October 28, 2019
QPA3250 QORVO-QPA3250 Datasheet
581Kb / 7P
   CATV Power Doubler Hybrid 1218MHz 23dB
QPA3238 QORVO-QPA3238 Datasheet
450Kb / 6P
   CATV Power Doubler Hybrid 1003MHz 23dB
QPA3350 QORVO-QPA3350 Datasheet
197Kb / 5P
   CATV Power Doubler Hybrid 1003MHz 25dB
logo
TriQuint Semiconductor
QPA3350 TRIQUINT-QPA3350 Datasheet
197Kb / 5P
   CATV Power Doubler Hybrid 1003MHz 25dB
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com