Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJS44C23195 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # NJS44C23195
Description  EDGECARD, CONTINUOUS CARD COLLECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

NJS44C23195 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  NJS44C23195 Datasheet HTML 1Page - Winchester Electronics Corporation NJS44C23195 Datasheet HTML 2Page - Winchester Electronics Corporation NJS44C23195 Datasheet HTML 3Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - NJS44C23195

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
NJS100UF NJSEMI-NJS100UF Datasheet
274Kb / 1P
   2,500 V -10,000 V Rectifiers 1.5 A - 3.0 A Forward Current 100 ns Recovery Time
logo
Winchester Electronics ...
NJS16D-11-192 WINCHESTER-NJS16D-11-192 Datasheet
111Kb / 1P
   CONTINUOUS CARD COLLECTOR
NJS16D-11-195 WINCHESTER-NJS16D-11-195 Datasheet
111Kb / 1P
   CONTINUOUS CARD COLLECTOR
NJS16D-11-792 WINCHESTER-NJS16D-11-792 Datasheet
111Kb / 1P
   CONTINUOUS CARD COLLECTOR
NJS16D-12-192 WINCHESTER-NJS16D-12-192 Datasheet
111Kb / 1P
   CONTINUOUS CARD COLLECTOR
More results

Similar Description - NJS44C23195

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
23561 WINCHESTER-23561 Datasheet
361Kb / 1P
   EDGECARD, CONTINUOUS CARD COLLECTOR
23836 WINCHESTER-23836 Datasheet
178Kb / 1P
   EDGECARD CONTINUOUS CARD COLLECTOR
24514 WINCHESTER-24514 Datasheet
111Kb / 1P
   CONTINUOUS CARD COLLECTOR
logo
Pomona Electronics
73038 POMONA-73038 Datasheet
120Kb / 1P
   MMCX PLUG STRAIGHT EDGECARD
logo
List of Unclassifed Man...
EBC10DRAS ETC2-EBC10DRAS Datasheet
178Kb / 3P
   EDGECARD, .100 CC LP
EBC15DRAS ETC2-EBC15DRAS Datasheet
178Kb / 3P
   EDGECARD, 100 CC LP
logo
Winchester Electronics ...
29280 WINCHESTER-29280 Datasheet
123Kb / 1P
   EDGECARD CONNECTOR, NJ SERIES
logo
Pomona Electronics
73039 POMONA-73039 Datasheet
122Kb / 1P
   MMCX JACK STRAIGHT EDGECARD
logo
Winchester Electronics ...
23841 WINCHESTER-23841 Datasheet
324Kb / 2P
   EDGECARD CONNECTOR, NJ& NJS SERIES
logo
Fairchild Semiconductor
KSD1691GS FAIRCHILD-KSD1691GS Datasheet
52Kb / 5P
   Low Collector-Emtter Saturation Voltage & Large Collector Current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com