Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857061-EVB Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # 857061-EVB
Description  782 MHz Notch Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857061-EVB Datasheet(HTML) 3 Page - TriQuint Semiconductor

  857061-EVB Datasheet HTML 1Page - TriQuint Semiconductor 857061-EVB Datasheet HTML 2Page - TriQuint Semiconductor 857061-EVB Datasheet HTML 3Page - TriQuint Semiconductor 857061-EVB Datasheet HTML 4Page - TriQuint Semiconductor 857061-EVB Datasheet HTML 5Page - TriQuint Semiconductor 857061-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
857061
782 MHz Notch Filter
Preliminary Data Sheet: Rev D 01/18/2012
© 2011 TriQuint Semiconductor, Inc.
Reference Design 50Ω
Ω SE In
Schematic
Input
Single-ended
FRONT END
ANTENNA
Notes:
Actual matching values may vary due to PCB layout and parasitic
PC Board
Notes:
Top, middle & bottom layers: 1 oz copper
Substrates: FR4 dielectric, .031” thick
Finish plating: Nickel: 3-8µm thick, Gold: .03-.2µm thick
Hole plating: Copper min .0008µm thick
Bill of Material
Reference Desg.
Value
Description
L1
13 nH
Coil Wire
L2
15 nH
Coil Wire
L3
5.6 nH
Coil Wire
SMA
N/A
SMA connector
PCB
N/A
3-layer
50 Ω
- 3 of 6 -
Disclaimer: Subject to change without notice
Connecting the Digital World to the
SE In, 50Ω
Ω SE Out
Actual matching values may vary due to PCB layout and parasitic
Mounting Configuration
.2µm thick
Notes:
1.
Top view of the product.
2.
All dimensions are in millimeters.
3.
This footprint represents a recommendation only.
Description
Manufacturer
Part Number
Coil Wire-wound, 0402, y%
MuRata
LQW15AN
Coil Wire-wound, 0402, y%
MuRata
LQW15AN
Coil Wire-wound, 0402, y%
MuRata
LQW15AN
SMA connector
Radiall USA Inc.
9602
layer
Multiple
960
2.35
1.85
0.40
0.19x45°
CHAMF.
0.31
1.33
1
2
3
4
11 10
9
8
12
13
1,2,4,5,6,7,8
10,11,12,13
13nH
3
9
50 Ω
L3
L2
15nH
5.6nH
L1
Disclaimer: Subject to change without notice
Connecting the Digital World to the Global Network
Output
Single-ended
Mounting Configuration
This footprint represents a recommendation only.
Part Number
LQW15AN13NH00
LQW15AN15NH00
LQW15AN5N6B00
9602-1111-018
960930
0.20
0.55
5
7
6


Similar Part No. - 857061-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857061-EVB TRIQUINT-857061-EVB Datasheet
624Kb / 6P
   782 MHz Notch Filter
More results

Similar Description - 857061-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857061 TRIQUINT-857061_15 Datasheet
624Kb / 6P
   782 MHz Notch Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1152A TAI-SAW-TA1152A Datasheet
447Kb / 7P
   SAW Filter 782 MHz
logo
Murata Manufacturing Co...
SF2315E MURATA-SF2315E Datasheet
308Kb / 4P
   782 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2441B TAI-SAW-TA2441B Datasheet
496Kb / 9P
   SAW Filter 782 MHz
TA1605A TAI-SAW-TA1605A Datasheet
191Kb / 6P
   SAW Filter 782 MHz
TA1813B TAI-SAW-TA1813B Datasheet
535Kb / 9P
   SAW Filter 782 MHz
logo
TriQuint Semiconductor
856844 TRIQUINT-856844_15 Datasheet
520Kb / 5P
   782 MHz SAW Filter
logo
KR Electronics, Inc.
3298-10-160 KR-3298-10-160 Datasheet
69Kb / 3P
   160 MHz Notch Filter
3168-1435 KR-3168-1435 Datasheet
81Kb / 3P
   1435 MHz Notch Filter
logo
TriQuint Semiconductor
857031 TRIQUINT-857031_15 Datasheet
644Kb / 7P
   826 MHz Notch Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com