Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857031-EVB Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 857031-EVB
Description  826 MHz Notch Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857031-EVB Datasheet(HTML) 5 Page - TriQuint Semiconductor

  857031-EVB Datasheet HTML 1Page - TriQuint Semiconductor 857031-EVB Datasheet HTML 2Page - TriQuint Semiconductor 857031-EVB Datasheet HTML 3Page - TriQuint Semiconductor 857031-EVB Datasheet HTML 4Page - TriQuint Semiconductor 857031-EVB Datasheet HTML 5Page - TriQuint Semiconductor 857031-EVB Datasheet HTML 6Page - TriQuint Semiconductor 857031-EVB Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
857031
826 MHz Notch Filter
Data Sheet: Rev B 01/19/12
- 5 of 7 -
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
Mechanical Information
Package Information, Dimensions and Marking
Package Style: CSP-10GT
Dimensions: 2.5 x 2.00 x 0.56 mm
Body: Al2O3 ceramic
Lid: Kovar or Alloy 42, Au over Ni plated
Terminations: Au plating 0.5 - 1.0µm, over a 2-6µm Ni
plating
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and width
±0.10mm
The date code consists of: WW = 2 digit week,
Y = last digit of year, M = manufacturing site code
Tape and Reel Information
Standard T/R size = 10,000 units/reel. All dimensions are in millimeters
Direction of travel
ID dot
2.0
Ø13.0
Ø20.2
Ø102
Ø330
8.8
2.7
1.75
3.5
8.0
A
A
2.0
4.0
4.0
Ø1.0
Ø1.5
2.75
1.1
0.3
Section A-A
2.23
Marking
Code
MFG site
*GJ M
W W Y
ID dot
Date code


Similar Part No. - 857031-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857031-EVB TRIQUINT-857031-EVB Datasheet
644Kb / 7P
   826 MHz Notch Filter
More results

Similar Description - 857031-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857031 TRIQUINT-857031_15 Datasheet
644Kb / 7P
   826 MHz Notch Filter
logo
KR Electronics, Inc.
3298-10-160 KR-3298-10-160 Datasheet
69Kb / 3P
   160 MHz Notch Filter
logo
TriQuint Semiconductor
857061 TRIQUINT-857061 Datasheet
624Kb / 6P
   782 MHz Notch Filter
logo
KR Electronics, Inc.
3168-1435 KR-3168-1435 Datasheet
81Kb / 3P
   1435 MHz Notch Filter
logo
TriQuint Semiconductor
857061 TRIQUINT-857061_15 Datasheet
624Kb / 6P
   782 MHz Notch Filter
logo
KR Electronics, Inc.
2606-SMA KR-2606-SMA Datasheet
93Kb / 3P
   5 MHz Notch Filter
3168-1795 KR-3168-1795 Datasheet
84Kb / 3P
   1795 MHz Notch Filter
3168-2235 KR-3168-2235 Datasheet
83Kb / 3P
   2235 MHz Notch Filter
3222-SMA KR-3222-SMA Datasheet
69Kb / 2P
   5 MHz Notch Filter
3298-82-160 KR-3298-82-160 Datasheet
70Kb / 3P
   160 MHz Notch Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com