Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FE175D480C033FP-00 Datasheet(PDF) 4 Page - Vicor Corporation

Part # FE175D480C033FP-00
Description  Complete AC-DC PCB-mounted solution
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FE175D480C033FP-00 Datasheet(HTML) 4 Page - Vicor Corporation

  FE175D480C033FP-00 Datasheet HTML 1Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 2Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 3Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 4Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 5Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 6Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 7Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 8Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
VI BRICK® AC Front End
Rev 1.1
vicorpower.com
Page 4 of 20
11/2012
800 735.6200
FE175D480C033FP-00
0
60
120
180
240
300
360
420
0
1
2
3
4
5
6
7
80
100
120
140
160
180
200
220
240
260
Current
Power
Input Voltage (VRMS)
DC Output Safe Operating Area
Figure 1 — DC output safe operating area
Input Voltage (V)
Full Load Efficiency vs. Line Voltage 25 °C Case
85 100 115 130 145 160 175 190 205 220 235 250 265
88%
89%
90%
91%
92%
93%
94%
95%
Figure 2 — Full load efficiency vs. line voltage
Electrical Characteristics (cont.)
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Power Output Specification (cont.)
Output current (transient)
IOUT-PK
20ms duration, max
10.2
A
Output switching cycle charge
QTOT
13.5
µC
Output inductance (parasitic)
LOUT-PAR
Frequency @ 1 MHz
1
nH
Output capacitance (internal)
COUT-INT
Effective value at nominal output voltage
7
µF
Output capacitance (internal ESR)
RCOUT
0.5
m
Ω
Powertrain Protections
Input undervoltage turn-on
VIN-UVLO+
See Timing Diagram
74
83
VRMS
Input undervoltage turn-off
VIN-UVLO-
65
71
VRMS
Output overvoltage threshold
VOUT-OVLO+
Instantaneous, latched shutdown
55.3
56.6
59.0
V
Upper start / restart
TCASE-OTP-
100
°C
temperature threshold (case)
Overtemperature shutdown
TJ-OTP+
130
°C
threshold (junction)
Overtemperature shutdown
TCASE-OTP+
110
°C
threshold (case)
Undertemperature shutdown
TCASE-UTP-
C Grade
-25
°C
threshold (case)
Lower start / restart temperature
TCASE-UTP+
C Grade
-20
°C
threshold (case)
Overcurrent blanking time
TOC
Based on line frequency
400
460
550
ms
Input overvoltage response time
TPOVP
6
µs
Input undervoltage response time
TUVLO
Based on line frequency
27
39
51
ms
Output overvoltage response time
TSOVP
Powertrain on
60
120
180
µs
Short circuit response time
TSC
Powertrain on, operational state
60
120
µs
Fault retry delay time
TOFF
See Timing Diagram
10
s
Output power limit
PPROT
330
W


Similar Part No. - FE175D480C033FP-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FE175D480C033FP-CB VICOR-FE175D480C033FP-CB Datasheet
3Mb / 20P
   Complete AC-DC PCB-mounted solution
More results

Similar Description - FE175D480C033FP-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FE175D480C033FP-CB VICOR-FE175D480C033FP-CB Datasheet
3Mb / 20P
   Complete AC-DC PCB-mounted solution
logo
Powerbox
PBB7A-B POWERBOX-PBB7A-B Datasheet
303Kb / 1P
   AC-DC PCB mounted 3 Watts
PBB7A-G POWERBOX-PBB7A-G Datasheet
303Kb / 1P
   AC-DC PCB mounted 25 Watts
PBB7A-D POWERBOX-PBB7A-D Datasheet
302Kb / 1P
   AC-DC PCB mounted 10 Watts
PBB7A-C POWERBOX-PBB7A-C Datasheet
307Kb / 1P
   AC-DC PCB mounted 5 Watts
logo
Zoran Corporation
IPS-ZX ZORAN-IPS-ZX Datasheet
77Kb / 2P
   Complete Raster Solution
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
   Complete Backlight Solution
logo
Semtech Corporation
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
   Complete DDR Power Solution
logo
Panasonic Semiconductor
KX-TDA5 PANASONIC-KX-TDA5 Datasheet
2Mb / 12P
   A complete communications solution
logo
Semtech Corporation
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
   Complete DDR Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com