Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W91443N Datasheet(PDF) 1 Page - Winbond

Part # W91443N
Description  10-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91443N Datasheet(HTML) 1 Page - Winbond

  W91443N Datasheet HTML 1Page - Winbond W91443N Datasheet HTML 2Page - Winbond W91443N Datasheet HTML 3Page - Winbond W91443N Datasheet HTML 4Page - Winbond W91443N Datasheet HTML 5Page - Winbond W91443N Datasheet HTML 6Page - Winbond W91443N Datasheet HTML 7Page - Winbond W91443N Datasheet HTML 8Page - Winbond W91443N Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
W91440N SERIES
10-MEMORY TONE/PULSE DIALER
WITH SAVE FUNCTION
Publication Release Date: May 1997
- 1 -
Revision A3
GENERAL DESCRIPTION
The W91440N series are Si-gate CMOS ICs that provide the necessary signals for either tone or
pulse dialing. The W91440N series features save memory and a 10 by 16 digit automatic dialing
memory.
FEATURES
DTMF/pulse switchable dialer
Two by 32 digit redial and save memory
Ten by 16 digit two-touch direct memory
Redial memory cascadable with normal dialing; dialing length is unlimited, but if length
oversteps 32 digits the redial function is inhibited
Pulse-to-tone (*/T) keypad for long distance call operation
Uses 5
× 5 keyboard
Easy operation with redial, flash, pause and */T keypads
Flash, pause, P
→T (Pulse-to-tone) can be stored as a digit in memory
Dialing rate (10, 20 ppS ) selected by bonding option
On-hook debounce time: 150 msec.
Minimum tone output duration: 93 msec.
Minimum intertone pause: 93 msec.
Flash break time (73, 100, 300, 600 msec.) selectable by keypad, and the pause time is 1 sec.
On-chip power-on reset
Uses 3.579545 MHz crystal or ceramic resonator
Packaged in 18-pin plastic DIP
The different dialers in the W91440N series are shown in the following table:
TYPE NO.
REPLACEMENT
TYPE NO.
PULSE
(ppS)
FLASH
(mS)
PAUSE
(S)
M/B
W91442N
W91442
10
600/300/73/100
3.6
Pin
W91443
W91444
W91446
W91447
W91444G
W91445G
W91443N
W91443
20
600/300/73/100
3.6
Pin


Similar Part No. - W91443N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91444 WINBOND-W91444 Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91445 WINBOND-W91445 Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91446 WINBOND-W91446 Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91447 WINBOND-W91447 Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
More results

Similar Description - W91443N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91460N WINBOND-W91460N Datasheet
167Kb / 15P
   3-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91410 WINBOND-W91410 Datasheet
210Kb / 12P
   TONE/PULSE DIALER WITH SAVE FUNCTION
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91540N WINBOND-W91540N Datasheet
222Kb / 19P
   10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91630 WINBOND-W91630 Datasheet
181Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
Winbond
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
logo
STMicroelectronics
MK53732 STMICROELECTRONICS-MK53732 Datasheet
874Kb / 12P
   TONE PULSE DIALER WITH LAST NUMBER AND SAVE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com