Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0305-2-15-80-47-80-10-0 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 0305-2-15-80-47-80-10-0
Description  PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

0305-2-15-80-47-80-10-0 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  0305-2-15-80-47-80-10-0 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PINS
A HI
C
SIO
N
PIN RECEPTACLES
for .025” - .037” diameter pins
and .025” square pins
www.mill-max.com
 516-922-6000
148
SPECIFICATIONS
SHELL MATERIAL:
Brass Alloy 360, 1/2 Hard
CONTACT MATERIAL:
Beryllium Copper Alloy 172, HT
DIMENSION IN INCHES
TOLERANCES ON:
LENGTHS:
±.005
DIAMETERS: ±.002
ANGLES:
± 2°
0305-X-15-XX-47-XX-10-0
Solder mount in .059/.061 mounting hole
Also available on 8mm or 24mm wide
carrier tape: See chart for Details.
Order as: 0305-X-57-XX-47-XX-10-0
0305
X300-X-15-XX-47-XX-10-0
Solder mount in .042 min.
mounting hole
0300/8300
0399-X-15-XX-47-XX-04-0
Press-fit in .062 mounting hole
0399
0279-0-15-XX-47-XX-10-0
Hex press-fit in .062
plated thru hole
0279
0301-1-15-XX-47-XX-10-0
Solder mount in .042 min.
mounting hole
0301
1304-0-15-XX-47-XX-04-0
Press-fit in .061 mounting hole
1304
0330-0-15-XX-47-XX-10-0
Hex press-fit in .079
plated thru hole
0330
0309-2-15-XX-47-XX-10-0
Solder mount in .042 min.
mounting hole
0309
Basic Part
Number
Length
L
Dia.
D
0305-0
0305-1
0305-2
.095
.105
.155
.056
.058
.058
Basic Part
Number
Length
A
0300-1
0300-2
8300-0
.110
.187
.140
Basic Part
Number
Length
A
0399-0
0399-1
.230
.180
ORDER CODE: XXXX - X - 15 - XX - 47 - XX - XX - 0
BASIC PART #
SPECIFY SHELL FINISH:
SPECIFY CONTACT FINISH:
01 200
μ” TIN/LEAD OVER NICKEL
01 200
μ” TIN/LEAD OVER NICKEL
 80 200μ” TIN OVER NICKEL (RoHS)
 80 200μ” TIN OVER NICKEL (RoHS)
 15 10μ” GOLD OVER NICKEL (RoHS)
 27 30μ” GOLD OVER NICKEL (RoHS)
CONTACT
#47 CONTACT (DATA ON PAGE 222)
RoHS
2002/95/EC
Basic Part
Number
Tape
Width
Parts per
13” Reel
0305-0
0305-1
0305-2
8mm
8mm
24mm
6,000
6,000
1,500
T&R Packaging
.070 DIA.
.070 DIA.
.064 DIA.
.064 DIA.
.059 DIA.
.059 DIA.
.450
.450
.200
.200
.200
.200
.089
.089
.030
.030
.110
.110
.031
.031
HOLE
HOLE
.045 DIA.
.045 DIA.
1134-0-18-15-47-27-10-0
Press-fit in .061 mounting hole
1134


Similar Part No. - 0305-2-15-80-47-80-10-0

ManufacturerPart #DatasheetDescription
logo
Lumberg
0305-2 LUMBERG-0305-2 Datasheet
99Kb / 2P
   Polbilder, von der L철tseite gesehen
0305-2 LUMBERG-0305-2 Datasheet
346Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0305-2 LUMBERG-0305-2 Datasheet
124Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0305-2 LUMBERG-0305-2 Datasheet
223Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0305-2 LUMBERG-0305-2 Datasheet
273Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results

Similar Description - 0305-2-15-80-47-80-10-0

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0279-0-15-01-4727100 MILL-MAX-0279-0-15-01-4727100 Datasheet
151Kb / 1P
   PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
146N MILL-MAX-146N Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0293-0-15-15-16-27-10-0 MILL-MAX-0293-0-15-15-16-27-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0306-0-19-15-16-27-10-0 MILL-MAX-0306-0-19-15-16-27-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0240-0-15-01-30-02-04-0 MILL-MAX-0240-0-15-01-30-02-04-0 Datasheet
101Kb / 1P
   PIN RECEPTACLES for .015??- .025??diameter pins
0255-0-15-01-30-02-04-0 MILL-MAX-0255-0-15-01-30-02-04-0 Datasheet
110Kb / 1P
   PIN RECEPTACLES for .015??- .025??diameter pins
0038-3-17-01-30-27-02-0 MILL-MAX-0038-3-17-01-30-27-02-0 Datasheet
97Kb / 1P
   WRAPOST RECEPTACLES for .015??- .025??diameter pins
logo
CAMBION Electronic Comp...
460-2620 CAMBION-460-2620 Datasheet
26Kb / 1P
   Swage mount, .025 (0,64) diameter pins
460-2621 CAMBION-460-2621 Datasheet
27Kb / 1P
   Swage mount, .025 (0,64) diameter pins
460-2626 CAMBION-460-2626 Datasheet
27Kb / 1P
   Swage mount, .025 (0,64) diameter pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com