Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVC704 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC704
Description  Varactor Diode for AFC, VCO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC704 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC704_12 Datasheet HTML 1Page - Sanyo Semicon Device SVC704_12 Datasheet HTML 2Page - Sanyo Semicon Device SVC704_12 Datasheet HTML 3Page - Sanyo Semicon Device SVC704_12 Datasheet HTML 4Page - Sanyo Semicon Device SVC704_12 Datasheet HTML 5Page - Sanyo Semicon Device SVC704_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SVC704
No.8997-1/6
Features
High capacitance ratio (VR=1.0 to 7.0V)
Small-sized package
Low series resistance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7019A-001
Ordering number : EN8997A
72512 TKIM/82306/61506VC MSIM TB-00002374
SANYO Semiconductors
DATA SHEET
SVC704
Silicon Diffused Junction Type Varactor Diode
Varactor Diode for AFC, VCO
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: MCPH3
• JEITA, JEDEC
: SC-70, SOT-323
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1 : Anode
2 : No Contact
3 : Cathode
SANYO : MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
V5
TL
SVC704-TL-E
3
12


Similar Part No. - SVC704_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC704-TL-E SANYO-SVC704-TL-E Datasheet
435Kb / 6P
   Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
logo
ON Semiconductor
SVC704-TL-E ONSEMI-SVC704-TL-E Datasheet
333Kb / 6P
   Single Varactor Diode
September, 2013
logo
Sanyo Semicon Device
SVC704 SANYO-SVC704_09 Datasheet
435Kb / 6P
   Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
More results

Similar Description - SVC704_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC710 SANYO-SVC710_12 Datasheet
437Kb / 6P
   Varactor Diode for AFC, VCO
SVC704 SANYO-SVC704 Datasheet
29Kb / 3P
   Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
SVC704 SANYO-SVC704_09 Datasheet
435Kb / 6P
   Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
SVC710 SANYO-SVC710 Datasheet
41Kb / 4P
   Silicon Diffused Junction Type Varactor Diode for AFC, VCO
SVC252 SANYO-SVC252 Datasheet
54Kb / 3P
   Varactor Diode for AFC, CB PLL
SVC251SPA SANYO-SVC251SPA Datasheet
53Kb / 3P
   Varactor Diode for AFC, CB PLL
SVC224 SANYO-SVC224 Datasheet
19Kb / 3P
   Varactor Diode for VCO
EC2C01C SANYO-EC2C01C Datasheet
20Kb / 3P
   VCXO & VHF Band VCO Applications Varactor Diode
logo
Semtech Corporation
FV1043 SEMTECH-FV1043 Datasheet
98Kb / 2P
   TUNER AFC DIODE
1S2638 SEMTECH-1S2638 Datasheet
83Kb / 2P
   TUNER AFC DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com