Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W89C926 Datasheet(PDF) 4 Page - Winbond

Part # W89C926
Description  PCMCIA ETHERNET NETWORK TWISTED PAIR INTERFACE CONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W89C926 Datasheet(HTML) 4 Page - Winbond

  W89C926 Datasheet HTML 1Page - Winbond W89C926 Datasheet HTML 2Page - Winbond W89C926 Datasheet HTML 3Page - Winbond W89C926 Datasheet HTML 4Page - Winbond W89C926 Datasheet HTML 5Page - Winbond W89C926 Datasheet HTML 6Page - Winbond W89C926 Datasheet HTML 7Page - Winbond W89C926 Datasheet HTML 8Page - Winbond W89C926 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
W89C926 PENTIC+
- 4 -
Pin Description, continued
NAME
NUMBER
TYPE
DESCRIPTION
OE
35
I/TTL
Output Enable:
The OE line is asserted by the system to obtain
memory read data from the card memory. It has an
internal 100K ohm pull-high resistor.
CE1,2
39, 36
I/TTL
Card Enable:
CE1,2 are asserted by the system for data bus width
control as shown below. These pins have an internal
100K ohm pull-high resistor.
CE2
CE
HD15-HD8
HD7-HD0
0
0
1
1
0
1
0
1
Valid
Valid
High-Z
High-Z
Valid
High-Z
Valid
High-Z
REG
11
I/TTL
Register & I/O selection:
REG is asserted by the system to access attribute
memory or I/O space. It remains high inactive for
common memory accesses. It has an internal 100K ohm
pull-high resistor.
IOIS16
100
O/TTL
16-bit I/O access:
Asserted by the PENTIC+ to inform the system that
current operation is a 16-bit I/O access.
INPACK
13
O/TTL
Input Acknowledge:
Asserted by the PENTIC+ when it has been selected
and can respond to an I/O read cycle.
WAIT
17
O/TTL
Wait State:
Asserted by the PENTIC+ to insert wait states into
current memory or I/O access cycles.
RESET
19
I/TTL
Card Reset:
A RESET pulse will initiate the PENTIC+'s initialization
procedure, including auto-ID/configuration loading,
register initialization, and state machine initialization.
The pulse width should be at least 500 nS to be
recognized as a valid reset. This pin has an internal
100K ohm pull-up resistor.


Similar Part No. - W89C926

ManufacturerPart #DatasheetDescription
logo
Winbond
W89C940 WINBOND-W89C940 Datasheet
353Kb / 61P
   ELANC-PCI (TWISTED-PAIR ETHER-LAN CONTROLLER WITH PCI INTERFACE)
W89C982 WINBOND-W89C982 Datasheet
277Kb / 28P
   INTEGRATED MULTIPLE REPEATER II
W89C982AF WINBOND-W89C982AF Datasheet
277Kb / 28P
   INTEGRATED MULTIPLE REPEATER II
More results

Similar Description - W89C926

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83905 NSC-DP83905 Datasheet
1Mb / 80P
   AT Local Area Network Twisted-Pair Interface Controller
DP83902A NSC-DP83902A Datasheet
851Kb / 70P
   ST-NICTM Serial Network Interface Controller for Twisted Pair
DP83934CVUL-20 NSC-DP83934CVUL-20 Datasheet
1Mb / 104P
   MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
DP83936AVUL-20 NSC-DP83936AVUL-20 Datasheet
1Mb / 104P
   Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
logo
Gamewell-FCI by Honeywe...
RPT-E3-UTP GAMEWELL-FCI-RPT-E3-UTP Datasheet
46Kb / 1P
   Network Repeaters, unshielded, twisted-pair
logo
Advanced Micro Devices
AM79C98 AMD-AM79C98 Datasheet
213Kb / 22P
   Twisted-Pair Ethernet Transceiver (TPEX)
logo
Texas Instruments
DP83934 TI1-DP83934 Datasheet
1Mb / 106P
[Old version datasheet]   DP83934CVUL-20/25 MHz SONIC(TM)-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
logo
Level One
LXT906 LVL1-LXT906 Datasheet
750Kb / 10P
   Ethernet Twisted-Pair/Coax Adapter
logo
OKI electronic componet...
MSM60802 OKI-MSM60802 Datasheet
2Mb / 39P
   PCMCIA Host Interface Controller
logo
Level One
LXT902 LVL1-LXT902 Datasheet
404Kb / 14P
   Ethernet Twisted-Pair Media Attachment Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com