Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA3107 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SMA3107
Description  Wideband Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SMA3107 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SMA3107 Datasheet HTML 1Page - Sanyo Semicon Device SMA3107 Datasheet HTML 2Page - Sanyo Semicon Device SMA3107 Datasheet HTML 3Page - Sanyo Semicon Device SMA3107 Datasheet HTML 4Page - Sanyo Semicon Device SMA3107 Datasheet HTML 5Page - Sanyo Semicon Device SMA3107 Datasheet HTML 6Page - Sanyo Semicon Device SMA3107 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMA3107
No. A1753-2/7
Recommended Operating Condition at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply Voltage
VCC
2.7
3
3.3
V
Operating Ambient Temperature
Topr
--40
+25
+85
°C
Electrical Characteristics at Ta=25°C, VCC=3V, Zs=ZL=50Ω
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit Current
ICC
4.3
6.0
7.7
mA
Power Gain
Gp
f=1GHz
21.0
23.5
26.0
dB
f=2.2GHz
22.0
24.5
27.0
Isolation
ISL
f=1GHz
33.0
38.0
dB
f=2.2GHz
40.0
45.0
Input Return Loss
RLin
f=1GHz
18.0
23.0
dB
f=2.2GHz
10.0
13.0
Output Return Loss
RLout
f=1GHz
27.0
32.0
dB
f=2.2GHz
10.0
13.0
Noise Figure
NF
f=1GHz
3.1
4.3
dB
f=2.2GHz
3.6
4.3
Gain 1dB Compression Output Power
Po(1dB)
f=1GHz
--10
--8
dBm
f=2.2GHz
--11.5
--9.5
Upper Limit Operating Frequency
fu
3dB down below flat gain at f =1GHz
2.8
GHz
Note) Pay attention to handling since it is liable to be affected by static electricity due to the high frequency process adopted.
Ordering Information
Device
Package
Shipping
memo
SMA3107-TL-E
MCPH6
3,000pcs./reel
Pb Free
Test Circuit
12
65
3
4
100pF
100pF
1000pF
IN
VCC
OUT
IT15570
Connect 2, 4 and 5 with GND.


Similar Part No. - SMA3107

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SMA3107 SANYO-SMA3107 Datasheet
80Kb / 5P
   Wideband Amplifier
logo
ON Semiconductor
SMA3107 ONSEMI-SMA3107 Datasheet
607Kb / 7P
   MMIC
SMA3107-TL-E ONSEMI-SMA3107-TL-E Datasheet
607Kb / 7P
   MMIC
More results

Similar Description - SMA3107

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
logo
Sanyo Semicon Device
SMA3117 SANYO-SMA3117_12 Datasheet
580Kb / 7P
   Wideband Amplifier
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109_15 Datasheet
960Kb / 8P
   Wideband Amplifier
logo
RFHIC
RFC1G22 RFHIC-RFC1G22_17 Datasheet
1Mb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-23LM MINI-ZX60-23LM Datasheet
311Kb / 3P
   Wideband Amplifier
logo
Sanyo Semicon Device
SMA3109 SANYO-SMA3109 Datasheet
114Kb / 5P
   Wideband Amplifier
logo
RFHIC
RFC1G22-24 RFHIC-RFC1G22-24 Datasheet
152Kb / 3P
   Wideband Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com