Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W88113CF Datasheet(PDF) 11 Page - Winbond

Part # W88113CF
Description  ATAPI CD-ROM DECODER & CONTROLLER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W88113CF Datasheet(HTML) 11 Page - Winbond

Back Button W88113CF Datasheet HTML 7Page - Winbond W88113CF Datasheet HTML 8Page - Winbond W88113CF Datasheet HTML 9Page - Winbond W88113CF Datasheet HTML 10Page - Winbond W88113CF Datasheet HTML 11Page - Winbond W88113CF Datasheet HTML 12Page - Winbond W88113CF Datasheet HTML 13Page - Winbond W88113CF Datasheet HTML 14Page - Winbond W88113CF Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
W88113C
Publication Release Date: Mar. 1999
- 7 -
Revision 0.61
DSP Interface
NAME
NO.
TYPE
PIN DESCRIPTION
LRCK
8
I
L/R Channel Clock - Left and right channels are distinguished by this
signal.
SDATA
9
I
Serial Data - Serial data from DSP is received from this input.
SDATA1
72
I
Serial Data - Second Serial data from DSP is received from this
input.
BCK
10
I
Bit Clock - Bit clock from DSP is received from this input.
C2PO
11
I
C2 Pointer - C2 error flag from DSP is received from this input.
Subcode Interface
NAME
NO.
TYPE
PIN DESCRIPTION
SCSD
17
I
Subcode Serial Data - Subcode serial data from DSP is received from
this input.
WFCK
18
I
Write Frame Clock - Write frame clock from DSP is received from
this input.
SCSYN
19
I
Subcode Sync - Subcode sync from DSP is received from this input.
EXCK
20
I/O
External Clock - A pin programmed as input or output to supply bit
clock for subcode.
External RAM Interface
NAME
NO.
TYPE
PIN DESCRIPTION
ROEb
84
O
External RAM Output Enable - A low-active output signal
RWEb
88
O
External RAM Write Enable - A low-active output signal
RD[15:0]
12, 7, 24, 5, 4,
91, 94, 86, 78,
79, 77, 76, 81,
82, 87, 85
I/O
RAM Data Bus - Data bus for external RAM.
RA[9:0]
91, 92, 93, 95,
96, 97, 2, 100,
99, 98
O
RAM Address Bus - Address bus for external RAM.
CASH/L
3, 83
O
External RAM Column Address Strobe
RAS
90
O
External RAM Row Address Strobe


Similar Part No. - W88113CF

ManufacturerPart #DatasheetDescription
logo
Winbond
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
W88112F WINBOND-W88112F Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
More results

Similar Description - W88113CF

ManufacturerPart #DatasheetDescription
logo
Winbond
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Samsung semiconductor
KS9246 SAMSUNG-KS9246 Datasheet
756Kb / 126P
   ATAPI AUTOMATED CD-ROM CONTROLLER WITH EMBEDDED DRAM
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
   CD-ROM DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com