Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8099CT Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV8099CT
Description  For VCMs Constant-current Driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8099CT Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV8099CT Datasheet HTML 1Page - Sanyo Semicon Device LV8099CT Datasheet HTML 2Page - Sanyo Semicon Device LV8099CT Datasheet HTML 3Page - Sanyo Semicon Device LV8099CT Datasheet HTML 4Page - Sanyo Semicon Device LV8099CT Datasheet HTML 5Page - Sanyo Semicon Device LV8099CT Datasheet HTML 6Page - Sanyo Semicon Device LV8099CT Datasheet HTML 7Page - Sanyo Semicon Device LV8099CT Datasheet HTML 8Page - Sanyo Semicon Device LV8099CT Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LV8099CT
Allowable Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.2 to 5.0
V
Maximum preset output current
IO
100
mA
High-level input voltage
VIH
1.3 to VCC
V
Low-level input voltage
VIL
Applied to SCL, SDA, and ENA pins
-0.3 to 0.5
V
Electrical Characteristics at Ta = 25°C, VCC = 2.8V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0a
ENA = L
1
μA
ICC0b
ENA = H, PD = 1
1
μA
ICC0c
ENA = H, D0 to D9 = 0
1
μA
Supply current
ICC1
ENA = H, D0 to D9
≠ 0
0.5
3
mA
Input current
IIN
SCL, SDA, ENA
-1
0
1
μA
Total resistance value of the output block
(built-in resistor + transistor on-resistance)
RTTL
VCC = 2.8V, IOUT = 80mA
2
3
Ω
DAC block
Resolution
10
bits
Relative accuracy
INL
±2
LSB
Differential linearity
DNL
±1
LSB
Full code current
Ifull
D0 to D9 = 1
100
mA
Error code current 0
Izero
D0 to D9 = 0
1
μA
Spark killer diode
Reverse current
IS (leak)
1
μA
Forward voltage
VSF
IOUT=100mA
1.3
V
Package Dimensions
unit : mm (typ)
3390
No.A1627-2/9
SANYO : WLP6K(1.27X0.87)
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
0.22
A
B
0.87
0.235
0.4
Pd max -- Ta
0
0.3
0.35
0.18
0.2
0.1
0.4
--30 --20
80
100
60
20
40
0
120
Ambient temperature, Ta --
°C
Specified board : 40
× 40 × 1.6mm3
Single layer glass epoxy


Similar Part No. - LV8099CT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8099CS SANYO-LV8099CS Datasheet
215Kb / 9P
   Constant-current Driver IC
More results

Similar Description - LV8099CT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8498CT SANYO-LV8498CT Datasheet
164Kb / 8P
   For VCMs Constant-current Driver IC
LV8095LQ SANYO-LV8095LQ Datasheet
89Kb / 8P
   Bi-CMOS IC For VCMs Constant-current Driver IC
logo
ON Semiconductor
LV8498CT ONSEMI-LV8498CT Datasheet
85Kb / 8P
   Constant-current Driver IC
June, 2013
logo
Sanyo Semicon Device
LV8098CS SANYO-LV8098CS Datasheet
229Kb / 8P
   Constant-current Driver IC
LV8099CS SANYO-LV8099CS Datasheet
215Kb / 9P
   Constant-current Driver IC
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
Sanyo Semicon Device
LB1931T SANYO-LB1931T Datasheet
38Kb / 4P
   Constant Current Solenoid Driver IC for Digital Cameras
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
logo
Rohm
BD2808MUV-M ROHM-BD2808MUV-M Datasheet
959Kb / 34P
   24ch Constant Current LED Driver IC
logo
Sanyo Semicon Device
LB1941T SANYO-LB1941T Datasheet
88Kb / 4P
   For Digital Cameras Constant Current Forward/Reverse Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com