Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8099CT Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LV8099CT
Description  For VCMs Constant-current Driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8099CT Datasheet(HTML) 8 Page - Sanyo Semicon Device

  LV8099CT Datasheet HTML 1Page - Sanyo Semicon Device LV8099CT Datasheet HTML 2Page - Sanyo Semicon Device LV8099CT Datasheet HTML 3Page - Sanyo Semicon Device LV8099CT Datasheet HTML 4Page - Sanyo Semicon Device LV8099CT Datasheet HTML 5Page - Sanyo Semicon Device LV8099CT Datasheet HTML 6Page - Sanyo Semicon Device LV8099CT Datasheet HTML 7Page - Sanyo Semicon Device LV8099CT Datasheet HTML 8Page - Sanyo Semicon Device LV8099CT Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LV8099CT
No.A1627-8/9
TIM
STP
000
001
010
011
100
101
110
111
000
At current slope OFF
0.032
0.064
0.128
0.256
0.512
1.024
2.048
4.096
001
0.0978
0.0978
0.0978
0.0978
0.0978
0.0978
0.0978
0.0978
0.064
0.128
0.256
0.512
1.024
2.048
4.096
8.192
010
0.1955
0.1955
0.1955
0.1955
0.1955
0.1955
0.1955
0.1955
0.128
0.256
0.512
1.024
2.048
4.096
8.192
16.38
011
0.391
0.391
0.391
0.391
0.391
0.391
0.391
0.391
0.256
0.512
1.024
2.048
4.096
8.192
16.38
32.77
100
0.782
0.782
0.782
0.782
0.782
0.782
0.782
0.782
0.512
1.024
2.048
4.096
8.192
16.38
32.77
65.54
101
1.564
1.564
1.564
1.564
1.564
1.564
1.564
1.564
1.024
2.048
4.096
8.192
16.38
32.77
65.54
131.08
110
3.128
3.128
3.128
3.128
3.128
3.128
3.128
3.128
2.048
4.096
8.192
16.38
32.77
65.54
131.08
262.16
111
6.256
6.256
6.256
6.256
6.256
6.256
6.256
6.256
FULL_CODE
Sweep time
32.7
65.5
130.9
261.9
523.8
1047.6
2095.1
4190.2
In the upper row in the above table each column , the lower is a current step value (IST:mA) , at the step time (Tst:msec).
Relationship between the ENA pin input, I
2C input data PD, and current setting 0 (code 0)
This IC supports the following three modes of setting up the standby mode :
1) Setting the ENA pin low.
2) Setting the PD bit to 1 (high) with I
2C input data.
3) Setting the output current to 0 with I
2C input data.
Execution of one of the steps 1) to 3) causes the output current to 0 and stops operation of the circuit.
When the ENA pin is set low, the I
2C data register is reset and the IC is reset to its default state (PD bit set to 0 and output
current setting to code 0).
When the ENA pin is to be used with pull_up to VCC, it is necessary to send code 0 once after VCC ON.


Similar Part No. - LV8099CT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8099CS SANYO-LV8099CS Datasheet
215Kb / 9P
   Constant-current Driver IC
More results

Similar Description - LV8099CT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8498CT SANYO-LV8498CT Datasheet
164Kb / 8P
   For VCMs Constant-current Driver IC
LV8095LQ SANYO-LV8095LQ Datasheet
89Kb / 8P
   Bi-CMOS IC For VCMs Constant-current Driver IC
logo
ON Semiconductor
LV8498CT ONSEMI-LV8498CT Datasheet
85Kb / 8P
   Constant-current Driver IC
June, 2013
logo
Sanyo Semicon Device
LV8098CS SANYO-LV8098CS Datasheet
229Kb / 8P
   Constant-current Driver IC
LV8099CS SANYO-LV8099CS Datasheet
215Kb / 9P
   Constant-current Driver IC
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
Sanyo Semicon Device
LB1931T SANYO-LB1931T Datasheet
38Kb / 4P
   Constant Current Solenoid Driver IC for Digital Cameras
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
logo
Rohm
BD2808MUV-M ROHM-BD2808MUV-M Datasheet
959Kb / 34P
   24ch Constant Current LED Driver IC
logo
Sanyo Semicon Device
LB1941T SANYO-LB1941T Datasheet
88Kb / 4P
   For Digital Cameras Constant Current Forward/Reverse Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com