Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5768V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV5768V
Description  1-channel Step-down Switching Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5768V Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV5768V Datasheet HTML 1Page - Sanyo Semicon Device LV5768V Datasheet HTML 2Page - Sanyo Semicon Device LV5768V Datasheet HTML 3Page - Sanyo Semicon Device LV5768V Datasheet HTML 4Page - Sanyo Semicon Device LV5768V Datasheet HTML 5Page - Sanyo Semicon Device LV5768V Datasheet HTML 6Page - Sanyo Semicon Device LV5768V Datasheet HTML 7Page - Sanyo Semicon Device LV5768V Datasheet HTML 8Page - Sanyo Semicon Device LV5768V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LV5768V
No.A2093-2/15
Recommended Operating Range
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VIN
8.5 to 42
V
Error amplifier input voltage
VFB
0 to 1.6
V
Oscillatory frequency
FOSC
80 to 500
kHz
Electrical Characteristics
at Ta
= 25°C, VIN = 12V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reference voltage block
Internal reference voltage
Vref
Including offset of E/A
0.654
0.67
0.686
V
5V power supply
VDD
IOUT = 0 to 5mA
4.7
5.2
5.7
V
Triangular waveform oscillator block
Oscillation frequency
FOSC
RT=220kΩ
110
125
140
kHz
Frequency variation
FOSC DV
VIN = 8.5 to 42V
1
%
Oscillation frequency fold back
detection voltage
VOSC FB
FB voltage detection after SS ends
0.1
V
Oscillation frequency after fold back
FOSC FB
1/3FOSC
kHz
ON/OFF circuit block
IC start-up voltage
VEN on
2.5
3.0
3.5
V
IC off voltage
VEN off
1.0
1.2
1.4
V
Soft start circuit block
Soft start source current
ISS SC
EN
> 3.5V
4
5
6
μA
Soft start sink current
ISS SK
EN
< 1V, VDD = 5V
2
mA
UVLO circuit block
UVLO lock release voltage
VUVLO
8
V
UVLO hysteresis
VUVLO H
0.7
V
Error amplifier
Input bias current
IEA IN
100
nA
Error amplifier gain
GEA
1000
1400
1800
μA/V
Sink output current
IEA OSK
FB = 1.0V
-100
μA
Source output current
IEA OSC
FB = 0V
100
μA
Current detection amplifier gain
GISNS
1.5
over current limiter circuit block
Reference current
ILIM1
-10%
18.5
+10%
μA
Over current detection comparator
offset voltage
VLIM OFS
-5
+5
mV
Over current detection comparator
common mode input range
VIN-0.45
VIN
V
PWM comparator
Input threshold voltage
(FOSC=125kHz)
Vt max
Duty cycle = DMAX
0.9
1.0
1.1
V
Vt0
Duty cycle = 0%
0.4
0.5
0.6
V
Maximum ON duty
DMAX
85
90
95
%
Output block
Output stage ON resistance
(the upper side)
RONH
5
Ω
Output stage ON resistance
(the under side)
RONL
5
Ω
Output stage ON current
(the upper side)
IONH
240
mA
Output stage ON current
(the under side)
IONL
240
mA
The whole device
Standby current
ICCS
EN
< 1V
10
μA
Mean consumption current
ICCA
EN
> 3.5V
3
mA
Continued on next page.


Similar Part No. - LV5768V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5768V-A ONSEMI-LV5768V-A Datasheet
284Kb / 17P
   1- channel Step-down Switching Regulator
February 2015 - Rev. 0
More results

Similar Description - LV5768V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5768M-TLM-H SANYO-LV5768M-TLM-H Datasheet
322Kb / 15P
   1-channel Step-down Switching Regulator
LV5747QA SANYO-LV5747QA Datasheet
88Kb / 6P
   1-channel Step-down Switching Regulator
logo
Rohm
BD9702T ROHM-BD9702T Datasheet
307Kb / 6P
   1 Channel Step-down Switching Regulator
logo
Sanyo Semicon Device
LV5747TT SANYO-LV5747TT Datasheet
87Kb / 5P
   1-channel Step-down Switching Regulator
LV5749V SANYO-LV5749V Datasheet
81Kb / 6P
   1-channel Step-down Switching Regulator
LV5761V_0909 SANYO-LV5761V_0909 Datasheet
150Kb / 6P
   1-channel Step-down Switching Regulator
LV5749NV SANYO-LV5749NV Datasheet
117Kb / 6P
   1-channel Step-down Switching Regulator
LV5768M SANYO-LV5768M Datasheet
322Kb / 15P
   1-channel Step-down Switching Regulator
logo
Rohm
BD9703FP ROHM-BD9703FP Datasheet
317Kb / 6P
   1 Channel Step-down Switching Regulator
logo
Sanyo Semicon Device
LV5747NTT SANYO-LV5747NTT Datasheet
179Kb / 5P
   1-channel Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com