Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA2159 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ENA2159
Description  For Car Audio Systems Multi-Power Supply IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2159 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ENA2159 Datasheet HTML 1Page - Sanyo Semicon Device ENA2159 Datasheet HTML 2Page - Sanyo Semicon Device ENA2159 Datasheet HTML 3Page - Sanyo Semicon Device ENA2159 Datasheet HTML 4Page - Sanyo Semicon Device ENA2159 Datasheet HTML 5Page - Sanyo Semicon Device ENA2159 Datasheet HTML 6Page - Sanyo Semicon Device ENA2159 Datasheet HTML 7Page - Sanyo Semicon Device ENA2159 Datasheet HTML 8Page - Sanyo Semicon Device ENA2159 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
D1212NKPC 20121105-S00005 No.A2159-1/14
LV5696P
Overview
LV5696P is a multiple voltage regulator for car audio system. This IC has 6 system of voltage regulators,
3.3/5.0Voutput for a microcontroller, 8.0V output for CD driver, 3V-8V (Adjustable) output for illuminations, 8.5V
output for audio control, 5V output for SYS control, 3.3V output for DSP control and 1 high side switch output for
ANT output.
About protection circuits, it has Over-current-protection, Over-voltage-protection and Thermal-shut-down.
Features
• Low current consumption : typ 50μA
• 6 system of regulators
VDD (Micon) : VOUT 3.3/5.0V, IOUT MAX 200mA
CD
: VOUT 8.0V, IOUT MAX 1000mA
Illumination
: VOUT 3.0V to 8.0V (Adjustable external resistors), IOUT MAX 200mA
Audio
: VOUT 8.5V, IOUT MAX 300mA
SYS
: VOUT 5.0V, IOUT MAX 500mA
DSP
: VOUT 3.3V, IOUT MAX 800mA
• 1 high-side switch coupled VCC
ANT
: IOUT MAX 200mA, VCC-VOUT = 0.5V
• Over current protection
• Over voltage protection typ 21V (All outputs except for VDD are turned off)
• Thermal shut down circuit typ 175°C
• Applied P-LDMOS to output stage
(Warning) The protector functions only improve the IC’s tolerance and they do not guarantee the safety of the IC if used under the
conditions out of safety range or ratings. Use of the IC such as use under overcurrent protection range, thermal shutdown state may
degrade the IC’s reliability and eventually damage the IC.
Bi-CMOS LSI
For Car Audio Systems
Multi-Power Supply IC
Ordering number : ENA2159


Similar Part No. - ENA2159

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2159A ONSEMI-ENA2159A Datasheet
313Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
More results

Similar Description - ENA2159

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
   For Car Audio Systems Multi-Power Supply IC
LV5686PVC SANYO-LV5686PVC Datasheet
186Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV5686PVC ONSEMI-LV5686PVC Datasheet
188Kb / 14P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV56841PVD ONSEMI-LV56841PVD Datasheet
331Kb / 15P
   For Car Audio Systems Multi-Power Supply IC
August, 2014
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com