Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA2061 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA2061
Description  For Car Audio Systems Multi-Power Supply System IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2061 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA2061 Datasheet HTML 1Page - Sanyo Semicon Device ENA2061 Datasheet HTML 2Page - Sanyo Semicon Device ENA2061 Datasheet HTML 3Page - Sanyo Semicon Device ENA2061 Datasheet HTML 4Page - Sanyo Semicon Device ENA2061 Datasheet HTML 5Page - Sanyo Semicon Device ENA2061 Datasheet HTML 6Page - Sanyo Semicon Device ENA2061 Datasheet HTML 7Page - Sanyo Semicon Device ENA2061 Datasheet HTML 8Page - Sanyo Semicon Device ENA2061 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LV5680NPVC
No.A2061-3/13
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Load regulation
ΔVOLD2
10mA
< IO2 < 1000mA
100
200
mV
Dropout voltage 1
VDROP2
IO2 = 1000mA
1.0
1.5
V
Dropout voltage 2
VDROP2’
IO2 = 500mA
0.5
0.75
V
Ripple rejection
RREJ2
f = 120Hz, IO2 = 1000mA
40
50
dB
AUDIO (8-9V) Output ; CTRL2 =
⎡M⎦
AUDIO_F pin voltage
VI3
1.222
1.260
1.298
V
AUDIO_F pin inflow current
IIN3
-1
1
μA
AUDIO output voltage 1
VO3
IO3 = 200mA, R2 = 30kΩ, R3 = 5.6kΩ *3
7.65
8.0
8.35
V
AUDIO output voltage 2
VO3’
IO3 = 200mA, R2 = 27kΩ, R3 = 4.7kΩ *3
8.13
8.5
8.87
V
AUDIO output voltage 3
VO3”
IO3 = 200mA, R2 = 24kΩ, R3 = 3.9kΩ *3
8.6
9.0
9.4
V
AUDIO output current
IO3
300
mA
Line regulation
ΔVOLN3
10V
< VCC < 16V, IO3 = 200mA
30
90
mV
Load regulation
ΔVOLD3
1mA
< IO3 < 200mA
70
150
mV
Dropout voltage 1
VDROP3
IO3 = 200mA
0.3
0.45
V
Dropout voltage 2
VDROP3’
IO3 = 100mA
0.15
0.23
V
Ripple rejection
RREJ3
f = 120Hz, IO3 = 200mA
40
50
dB
ILM (8-12V) Output ; CTRL1 =
⎡M1⎦
ILM_F pin voltage
VI4
1.222
1.260
1.298
V
ILM output voltage 1
VO4
IO4 = 200mA
11.4
12.0
12.6
V
ILM output voltage 2
VO4’
IO4 = 200mA, R1 = 270kΩ *4
8.5
10.0
11.5
V
ILM output voltage 3
VO4”
IO4 = 200mA, R1 = 100kΩ *4
6.8
8.0
9.2
V
ILM output current
IO4
R1 = 270k
Ω
300
mA
Line regulation
ΔVOLN4
12V
< VCC < 16V, IO4 = 200mA, R1 = 270kΩ
30
90
mV
Load regulation
ΔVOLD4
1mA
< IO4 < 200mA
70
150
mV
Dropout voltage 1
VDROP4
IO4 = 200mA
0.7
1.05
V
Dropout voltage 2
VDROP4’
IO4 = 100mA
0.35
0.53
V
Ripple rejection
RREJ4
f = 120Hz, IO4 = 200mA
40
50
dB
Remoto (EXT) ; CTRL1 =
⎡M2⎦
Output voltage
VO5
IO5 = 350mA
VCC-1.0
VCC-0.5
V
Output current
IO5
VO5 ≥ VCC-1.0
350
mA
ANT remoto ; CTRL1 =
⎡H⎦
Output voltage
VO6
IO6 = 300mA
VCC-1.0
VCC-0.5
V
Output current
IO6
VO6 ≥ VCC-1.0
300
mA
SW 5V Output ; CTRL2 =
⎡M⎦
Output voltage 1
VO7
IO7 = 1mA, IO1, IO8 = 0A *5
VO1-0.25
VO1
V
Output voltage 2
VO7’
IO7 = 200mA, IO1, IO8 = 0A *5
VO1-0.45
VO1-0.2
V
Output current
IO7
VO7 ≥ 4.55
200
mA
ACC Detection ; ACC Integration 5V output
ACC detection voltage
VTH8
2.8
3.0
3.2
V
Hysteresis width
VHIS8
0.2
0.3
0.4
V
Input impedance
ZI8
(Pull-down resistance internal)
42
60
78
k
Ω
ACC output voltage 1
VO8
IO8 = 0.5mA, IO1, IO7 = 0A *5
VO1-0.25
VO1
V
ACC output voltage 2
VO8’
IO8 = 100mA, IO1, IO7 = 0A *5
VO1-0.45
VO1-0.2
V
ACC output voltage
IO8
VO8 ≥ 4.55
100
mA
*3 : When a component with a resistance accuracy of
±1% is used
<Reference> When a component with a resistance accuracy of
±0.5% is used, VO3” is 8.67V ≤ 9.0V ≤ 9.33V.
*4 : When a component with a resistance accuracy of
±1% is used
The absolute accuracy of the internal resistance is
±15%.
*5 : Since the SW 5V and ACC 5V are output from VDD 5V through the SW, the voltage drops by an amount equivalent to the ON resistance of the SW.
*6: The entire specification has been defined based on the tests performed under the conditions where Tj and Ta (=25
°C) are almost equal. There tests were
performed with pulse load to minimize the increase of junction temperature (Tj).


Similar Part No. - ENA2061

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA2060 SANYO-ENA2060 Datasheet
216Kb / 4P
   Stepping Motor Driver IC
ENA2068 SANYO-ENA2068 Datasheet
855Kb / 11P
   Two Wire Serial Interface EEPROM(4k EEPROM)
ENA2069 SANYO-ENA2069 Datasheet
1Mb / 21P
   Dual port EEPROM Two Wire Serial Interface(2K2K EEPROM)
More results

Similar Description - ENA2061

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com