Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA2130A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA2130A
Description  OIS Controller & Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2130A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA2130A Datasheet HTML 1Page - Sanyo Semicon Device ENA2130A Datasheet HTML 2Page - Sanyo Semicon Device ENA2130A Datasheet HTML 3Page - Sanyo Semicon Device ENA2130A Datasheet HTML 4Page - Sanyo Semicon Device ENA2130A Datasheet HTML 5Page - Sanyo Semicon Device ENA2130A Datasheet HTML 6Page - Sanyo Semicon Device ENA2130A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LC898113
No.A2130-3/7
D.C. Characteristics: Input/output level/
VSS = 0V, VDD = 2.7 to 3.6V, Ta = -30 to 85C
Parameter
Symbol
Conditions
min
typ
max
unit
Applicable pin
a*)
b*)
High-level input voltage
VIH
CMOS schmidt
1.4
V
(1)
Low-level input voltage
VIL
0.36
V
High-level input voltage
VIH
CMOS schmidt
1.4
V
(2)
(1) (2) (3)
Low-level input voltage
VIL
0.50
V
High-level input voltage
VIH
CMOS schmidt
1.5
V
(3)
Low-level input voltage
VIL
0.36
V
*Applicable pin
(1)ZRESET
(2)CLKIN
(3)SCLK, MOSI
Package Dimensions
unit : mm (typ)
3441
SANYO : FLGA49(4.0X4.0)
4.0
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
0.5
0.5
A
B
C
D
E
F
G
0.3


Similar Part No. - ENA2130A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA2131 SANYO-ENA2131 Datasheet
214Kb / 27P
   CMOS LSI TV Image Viewer LSI
ENA2132 SANYO-ENA2132 Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
ENA2134 SANYO-ENA2134 Datasheet
88Kb / 6P
   1-channel Step-down Switching Regulator
ENA2135 SANYO-ENA2135 Datasheet
230Kb / 14P
   For Fan Motor 3-phase Brushless Motor Driver
ENA2136 SANYO-ENA2136 Datasheet
137Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results

Similar Description - ENA2130A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898111AXB-MH ONSEMI-LC898111AXB-MH Datasheet
158Kb / 7P
   OIS Controller & Driver
May, 2013 Ver.3.5b
ENA2189 ONSEMI-ENA2189 Datasheet
158Kb / 7P
   OIS Controller & Driver
May, 2013 Ver.3.5b
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
logo
TDK Electronics
IDG-2030U TDK-IDG-2030U Datasheet
293Kb / 1P
   Miniature Dual-Axis OIS Optimized MEMS Gyroscope
logo
ON Semiconductor
LC898128DP ONSEMI-LC898128DP Datasheet
170Kb / 10P
   OIS & Open-AF Control LSI
September, 2021 - Rev. 0
logo
Motorola, Inc
PCF2104X MOTOROLA-PCF2104X Datasheet
269Kb / 56P
   LCD controller/driver
logo
AMIC Technology
A31W33128 AMICC-A31W33128 Datasheet
359Kb / 34P
   LCD Controller-Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com