Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6370B Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # EN6370B
Description  LCD Display Driver with Key Input Function
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN6370B Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button EN6370B Datasheet HTML 6Page - Sanyo Semicon Device EN6370B Datasheet HTML 7Page - Sanyo Semicon Device EN6370B Datasheet HTML 8Page - Sanyo Semicon Device EN6370B Datasheet HTML 9Page - Sanyo Semicon Device EN6370B Datasheet HTML 10Page - Sanyo Semicon Device EN6370B Datasheet HTML 11Page - Sanyo Semicon Device EN6370B Datasheet HTML 12Page - Sanyo Semicon Device EN6370B Datasheet HTML 13Page - Sanyo Semicon Device EN6370B Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LC75808W
No.6370-10/38
(2) When CL is stopped at the high level.
• When the display data is transferred.
• When the control data is transferred.
Note: B0 to B3, A0 to A3......... CCB address
DD .................................. Direction data
• CCB address: …………….... 42H
• D1 to D540: .......................... Display data
• KC1 to KC6: …………......... Key scan output state setting data
• PC1 to PC4:……………....... General-purpose output port state setting data
• CT0 to CT3, CTC: ………… Display contrast setting data
• SC: ........................................ Segment on/off control data
• SP: ........................................ Normal mode/sleep mode control data
• DT1, DT2: ............................ Display technique setting data
1
0
0
0
0
0
1
0
B1
B0
B2
B3
A0
A1
A2
A3
D2
D1
D125 D126 D127 D128 D129 D130 D131 D132 D133 D134 D135
0
0
0
0
0
0
0
0
0
CE
CL
DI
DO
Display data
Fixed data
DD
1
0
0
0
0
0
1
0
B1
B0
B2
B3
A0
A1
A2
A3
KC2
KC1
KC3 KC4
SP DT1 DT2
0
0
1
0
0
CE
CL
DI
DO
Control data
DD
1
0
0
0
0
0
1
0
B1
B0
B2
B3
A0
A1
A2
A3
D260
D136 D137
D261 D262 D263 D264 D265 D266 D267 D268 D269 D270
0
0
0
0
0
0
0
0
1
Display data
Fixed data
DD
1
0
0
0
0
0
1
0
B1
B0
B2
B3
A0
A1
A2
A3
D395
D271 D272
D396 D397 D398 D399 D400 D401 D402 D403 D404 D405
0
0
0
0
0
0
0
1
0
Display data
Fixed data
DD
1
0
0
0
0
0
1
0
B1
B0
B2
B3
A0
A1
A2
A3
D530
D406 D407
D531 D532 D533 D534 D535 D536 D537 D538 D539 D540
0
0
0
0
0
0
0
1
1
Display data
Fixed data
DD
A12906
KC5 KC6 PC1 PC2 PC3 PC4 CT0 CT1 CT2 CT3 CTC SC


Similar Part No. - EN6370B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
More results

Similar Description - EN6370B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
logo
Princeton Technology Co...
PT6553 PTC-PT6553_10 Datasheet
667Kb / 41P
   LCD Driver IC with Key Input Function
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
PT6553 PTC-PT6553 Datasheet
139Kb / 7P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com