Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75700T Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC75700T
Description  Key Scan IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75700T Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC75700T Datasheet HTML 6Page - Sanyo Semicon Device LC75700T Datasheet HTML 7Page - Sanyo Semicon Device LC75700T Datasheet HTML 8Page - Sanyo Semicon Device LC75700T Datasheet HTML 9Page - Sanyo Semicon Device LC75700T Datasheet HTML 10Page - Sanyo Semicon Device LC75700T Datasheet HTML 11Page - Sanyo Semicon Device LC75700T Datasheet HTML 12Page - Sanyo Semicon Device LC75700T Datasheet HTML 13Page - Sanyo Semicon Device LC75700T Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Key Scan Operation Functions
1.Key scan timing
The key scan period is 288T (s). To reliably determine the on/off state of the keys, this LSI scans the keys twice and
determines that a key has been pressed when the key data agrees. It outputs a key data read request (a low level on DO)
615T (s) after starting a key scan. If the key data does not agree and a key was pressed at that point, it scans the keys
again. Thus this LSI cannot detect a key press shorter than 615T (s).
2.Key scan operation
•The pins KS1 to KS6 are set to the high or low state by the control data.
•If a key on one of the lines corresponding to a KS1 to KS6 pin which is set high is pressed, the oscillator on the OSC
pin is started and a key scan is performed. Keys are scanned until all keys are released. Multiple key presses are
recognized by determining whether multiple key data bits are set.
•If a key is pressed for longer than 615T (s) (where T = 1/fosc) this LSI outputs a key data read request (a low level on
DO) to the controller. The controller acknowledges this request and reads the key data. However, if CE is high during a
serial data transfer, Do will be set high.
•After the controller reads the key data, the key data read request is cleared (DO is set high) and this LSI performs
another key scan. Also note that DO being an open-drain output, requires a pull-up resistor (between 1 k
Ω and 10 kΩ) .
No. 7632-10/16
LC75700T
Key on
*2. Not that the high/low states of these pins are determined by the control data, and that key scan output signals are not output
from pins that are set to low .
576T[s]
*2
1
1
2
2
3
3
4
4
5
5
6
6
KS4
KS5
KS6
KS3
KS2
*2
KS1
T=
1
fosc
*2
*2
*2
*2
*2
*2
*2
*2
*2
*2
Serial data transfer
Key data read request
Key data read
Key data read
Key data read
DO
DI
Key address (63H)
Key address
CE
Key scan
Key input 2
Key input 1
615T[s]
Key data read request
Key data read request
615T[s]
615T[s]
Serial data transfer
Serial data transfer
Key address
T=
1
fosc


Similar Part No. - LC75700T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75700T ONSEMI-LC75700T Datasheet
359Kb / 17P
   Key Scanning IC
June 2017 - Rev. 1
LC75700T-MPB-E ONSEMI-LC75700T-MPB-E Datasheet
359Kb / 17P
   Key Scanning IC
June 2017 - Rev. 1
LC75700T-TLM-E ONSEMI-LC75700T-TLM-E Datasheet
359Kb / 17P
   Key Scanning IC
June 2017 - Rev. 1
LC75700TS-MPB-E ONSEMI-LC75700TS-MPB-E Datasheet
359Kb / 17P
   Key Scanning IC
June 2017 - Rev. 1
LC75700TS-TLM-E ONSEMI-LC75700TS-TLM-E Datasheet
359Kb / 17P
   Key Scanning IC
June 2017 - Rev. 1
More results

Similar Description - LC75700T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9290P TOSHIBA-TC9290P Datasheet
375Kb / 10P
   KEY SCAN IC
logo
New Japan Radio
NJU6010 NJRC-NJU6010 Datasheet
217Kb / 13P
   24 keys input key-scan IC
logo
MOSDESIGN SEMICONDUCTOR...
MC88A MOSDESIGN-MC88A Datasheet
23Kb / 1P
   8 TUNES 8 KEY WITH SCAN KEY
2005-01-25
logo
List of Unclassifed Man...
MC88A ETC1-MC88A Datasheet
99Kb / 1P
   8 TUNES 8 KEY WITH SCAN KEY
logo
Integrated Silicon Solu...
IS31IO7326 ISSI-IS31IO7326 Datasheet
369Kb / 14P
   DEBOUNCED 8횞8 KEY-SCAN CONTROLLER
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Tontek Design Technolog...
TT1668 TONTEK-TT1668 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
TT1628 TONTEK-TT1628 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2915 CERAMATE-CM2915 Datasheet
364Kb / 19P
   LCD Driver (19x4) with Key Scan (4x8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com