Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1078A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ENA1078A
Description  High-frequency Medium-power Amplifier Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1078A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ENA1078A Datasheet HTML 1Page - Sanyo Semicon Device ENA1078A Datasheet HTML 2Page - Sanyo Semicon Device ENA1078A Datasheet HTML 3Page - Sanyo Semicon Device ENA1078A Datasheet HTML 4Page - Sanyo Semicon Device ENA1078A Datasheet HTML 5Page - Sanyo Semicon Device ENA1078A Datasheet HTML 6Page - Sanyo Semicon Device ENA1078A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CPH6003A
No. A1078-1/7
Features
High gain (fT=7GHz typ)
High Current (IC=150mA)
Ultraminiature and thin 6pin package
Large Collector Disspation (800mW)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to- Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
12
V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
150
mA
Collector Dissipation
PC
When mounted on ceramic substrate (250mm2×0.8mm)
800
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7018A-002
Ordering number : ENA1078A
62712 TKIM/D2408ABMS IM TC-00001809
SANYO Semiconductors
DATA SHEET
CPH6003A
NPN Epitaxial Planar Silicon Transistor
High-frequency Medium-power Amplifier
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: CPH6
• JEITA, JEDEC
: SC-74, SOT-26, SOT-457
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
3
4
1, 2, 5, 6
TL
1 : Collector
2 : Collector
3 : Base
4 : Emitter
5 : Collector
6 : Collector
SANYO : CPH6
3
2
1
64
5
2.9
0.05
0.4
0.15
0.95
CPH6003A-TL-E


Similar Part No. - ENA1078A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1074A SANYO-ENA1074A Datasheet
458Kb / 8P
   UHF to S-Band Low-Noise Amplifier OSC Applications
ENA1075A SANYO-ENA1075A Datasheet
524Kb / 8P
   UHF to S-Band Low-Noise Amplifier OSC Applications
logo
ON Semiconductor
ENA1075A ONSEMI-ENA1075A Datasheet
518Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
logo
Sanyo Semicon Device
ENA1076A SANYO-ENA1076A Datasheet
463Kb / 8P
   Low-Voltage, Low-Current High-Frequency Amplifi er Applications
ENA1077A SANYO-ENA1077A Datasheet
532Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results

Similar Description - ENA1078A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6003A SANYO-CPH6003A Datasheet
64Kb / 5P
   High-frequency Medium-power Amplifier Applications
CPH3004 SANYO-CPH3004 Datasheet
48Kb / 7P
   High-Frequency Medium-Power Amplifier Applications
CPH6003A-D SANYO-CPH6003A-D Datasheet
531Kb / 7P
   High-frequency Medium-power Amplifier Applications
2SC5551A SANYO-2SC5551A Datasheet
82Kb / 4P
   High-Frequency Medium-Output Amplifier Applications
2SC5551 SANYO-2SC5551 Datasheet
43Kb / 5P
   High-Frequency Medium-Output Amplifier Applications
2SC5551AF-TD-E SANYO-2SC5551AF-TD-E Datasheet
82Kb / 4P
   High-Frequency Medium-Output Amplifier Applications
2SC5551A SANYO-2SC5551A_12 Datasheet
403Kb / 6P
   High-Frequency Medium-Output Amplifier Applications
logo
Toshiba Semiconductor
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com