Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH6003A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # CPH6003A
Description  High-frequency Medium-power Amplifier Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6003A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  CPH6003A Datasheet HTML 1Page - Sanyo Semicon Device CPH6003A Datasheet HTML 2Page - Sanyo Semicon Device CPH6003A Datasheet HTML 3Page - Sanyo Semicon Device CPH6003A Datasheet HTML 4Page - Sanyo Semicon Device CPH6003A Datasheet HTML 5Page - Sanyo Semicon Device CPH6003A Datasheet HTML 6Page - Sanyo Semicon Device CPH6003A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CPH6003A
No. A1078-3/7
hFE -- IC
Collector Current, IC -- mA
f T -- IC
Collector Current, IC -- mA
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
1.0
10
7
2
3
5
1.0
23
5
7
10
23
23
57 100
IT10199
VCE=5V
5
7
5
7
2
3
1.0
1.0
0.1
23
5
7
23
5
7
23
5
57
10
IT10200
f=1MHz
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
5
5
7
100
2
3
1.0
23
5
7
23
5
7
2
3
10
100
IT14231
VCE=5V
160
140
120
100
80
60
40
20
0
02
4
8
10
6
IT14230
IB=0µA
100
µA
200
µA
300µA
400µA
500µA
600µA
700µ
A
800µ
A
900µ
A
1000µ
A
PC -- Ta
|S21e|2 -- IC
Collector Current, IC -- mA
Ambient Temperature, Ta --
°C
Collector Current, IC -- mA
NF -- IC
0
20
40
60
80
100
120
140
160
0
100
200
300
400
500
600
700
800
900
IT10204
0
2
4
6
8
12
10
1.0
23
5
7
23
23
57
10
100
0
2
4
6
8
1.0
23
5
7
23
23
57
10
100
IT10202
IT10203
VCE=5V
f=1GHz
VCE=5V
f=1GHz
When mounted on ceramic substrate
(250mm2
✕0.8mm)
Collector-to-Base Voltage, VCB -- V
Cre -- VCB
IT10201
5
7
5
7
2
3
1.0
1.0
0.1
23
5
7
23
5
7
23
5
57
10
f=1MHz


Similar Part No. - CPH6003A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6003A SANYO-CPH6003A Datasheet
64Kb / 5P
   High-frequency Medium-power Amplifier Applications
CPH6003A SANYO-CPH6003A Datasheet
531Kb / 7P
   High-frequency Medium-power Amplifier Applications
logo
ON Semiconductor
CPH6003A ONSEMI-CPH6003A Datasheet
520Kb / 7P
   RF Transistor
August, 2013
logo
Sanyo Semicon Device
CPH6003A-D SANYO-CPH6003A-D Datasheet
531Kb / 7P
   High-frequency Medium-power Amplifier Applications
CPH6003A-TL-E SANYO-CPH6003A-TL-E Datasheet
531Kb / 7P
   High-frequency Medium-power Amplifier Applications
More results

Similar Description - CPH6003A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6003A SANYO-CPH6003A Datasheet
64Kb / 5P
   High-frequency Medium-power Amplifier Applications
CPH3004 SANYO-CPH3004 Datasheet
48Kb / 7P
   High-Frequency Medium-Power Amplifier Applications
CPH6003A-D SANYO-CPH6003A-D Datasheet
531Kb / 7P
   High-frequency Medium-power Amplifier Applications
2SC5551A SANYO-2SC5551A Datasheet
82Kb / 4P
   High-Frequency Medium-Output Amplifier Applications
2SC5551 SANYO-2SC5551 Datasheet
43Kb / 5P
   High-Frequency Medium-Output Amplifier Applications
2SC5551AF-TD-E SANYO-2SC5551AF-TD-E Datasheet
82Kb / 4P
   High-Frequency Medium-Output Amplifier Applications
2SC5551A SANYO-2SC5551A_12 Datasheet
403Kb / 6P
   High-Frequency Medium-Output Amplifier Applications
logo
Toshiba Semiconductor
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com