Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH6001A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH6001A
Description  High-Frequency Low-Noise Amplifier Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6001A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH6001A Datasheet HTML 1Page - Sanyo Semicon Device CPH6001A Datasheet HTML 2Page - Sanyo Semicon Device CPH6001A Datasheet HTML 3Page - Sanyo Semicon Device CPH6001A Datasheet HTML 4Page - Sanyo Semicon Device CPH6001A Datasheet HTML 5Page - Sanyo Semicon Device CPH6001A Datasheet HTML 6Page - Sanyo Semicon Device CPH6001A Datasheet HTML 7Page - Sanyo Semicon Device CPH6001A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CPH6001A
No. A1079-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
10
μA
DC Current Gain
hFE1VCE=5V, IC=30mA
90
180
hFE2VCE=5V, IC=70mA
70
Gain-Bandwidth Product
fT
VCE=5V, IC=30mA
5
6.7
GHz
Output Capacitance
Cob
VCB=5V, f=1MHz
0.95
1.5
pF
Reverse Transfer Capacitance
Cre
0.6
pF
Forward Transfer Gain
| S21e |
2
VCE=5V, IC=30mA, f=1GHz
911
dB
Noise Figure
NF
VCE=5V, IC=7mA, f=1GHz
1.1
2.0
dB
Ordering Information
Device
Package
Shipping
memo
CPH6001A-TL-E
CPH6
3,000pcs./reel
Pb Free
hFE -- IC
Collector Current, IC -- mA
f T -- IC
Collector Current, IC -- mA
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
40
30
20
10
5
15
25
35
45
50
0
02
13
57
46
8
9
10
0
0.2
0.1
0.3
0.5
0.7
0.9
1.1
0.4
0.6
0.8
1.0
1.2
10
100
2
2
3
5
7
5
7
3
1.0
3
35
7
2
23
2
3
5
57
7 10
100
23
5
7
1.0
23
5
7
10
100
80
60
40
20
10
30
50
70
90
100
0
10
7
5
3
2
1.0
0.30mA
2V
0.25mA
0.20mA
0.15mA
0.10mA
0.05mA
IB=0mA
VCE=5V
2V
VCE
=5V
IT00469
IT00470
IT00471
IT00472
0.35mA


Similar Part No. - CPH6001A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6001A SANYO-CPH6001A Datasheet
58Kb / 6P
   NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifier Applications
logo
ON Semiconductor
CPH6001A ONSEMI-CPH6001A Datasheet
487Kb / 8P
   RF Transistor
August, 2013
CPH6001A-TL-E ONSEMI-CPH6001A-TL-E Datasheet
487Kb / 8P
   RF Transistor
August, 2013
More results

Similar Description - CPH6001A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5415A SANYO-2SC5415A Datasheet
98Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
2SC5415 SANYO-2SC5415 Datasheet
47Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
2SC5502 SANYO-2SC5502 Datasheet
48Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
2SC5414A SANYO-2SC5414A Datasheet
54Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
CPH6001 SANYO-CPH6001 Datasheet
47Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
2SC5414 SANYO-2SC5414 Datasheet
47Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
2SC5415A SANYO-2SC5415A_12 Datasheet
398Kb / 8P
   High-Frequency Low-Noise Amplifier Applications
FH104 SANYO-FH104 Datasheet
49Kb / 4P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105 SANYO-FH105 Datasheet
63Kb / 5P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com