Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83877 Datasheet(PDF) 100 Page - Winbond

Part # W83877
Description  WINBOND I/O
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83877 Datasheet(HTML) 100 Page - Winbond

Back Button W83877 Datasheet HTML 96Page - Winbond W83877 Datasheet HTML 97Page - Winbond W83877 Datasheet HTML 98Page - Winbond W83877 Datasheet HTML 99Page - Winbond W83877 Datasheet HTML 100Page - Winbond W83877 Datasheet HTML 101Page - Winbond W83877 Datasheet HTML 102Page - Winbond W83877 Datasheet HTML 103Page - Winbond W83877 Datasheet HTML 104Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 125 page
background image
W83877F
- 100 -
8.2.32 Configuration Register 27 (CR27)
When the device is in Extended Function mode and EFIR is 27, the CR27 register can be accessed
through EFDR. Default = 05H if CR6 bit 2 = 1; default = 00H if CR16 bit 2 = 0. The bit definitions are
as follows:
1
2
3
4
5
6
7
0
PRTIQS0
PRTIQS1
PRTIQS2
PRTIQS3
Reserved
ECPIRQx0
ECPIRQx1
ECPIRQx2
ECPIRQx2-ECPIRQx0 (bit7-bit 5): These bits are configurable equivalents to bit[5:3] of cnfgB register
in ECP mode except that cnfgB[5:3] are read-only bits. They indicate the IRQ resource assigned for
the ECP printer port. It is the software designer's responsibility to ensure that CR27[7:5] and
CR27[3:0] are consistent. For example, CR27[7:5] should be filled with 001 (select IRQ 7) if
CR27[3:0] are to be programmed as 0101 (select IRQ_E) while IRQ_E is connected to IRQ 7.
CR27[7:5]
IRQ resource
000
reflect other IRQ resources selected by CR27[3:0] (default)
001
IRQ 7
010
IRQ 9
011
IRQ 10
100
IRQ 11
101
IRQ 14
110
IRQ 15
111
IRQ 5
Bit 4: Reserved.
PRTIQS3-PRTIQS0 (bit 3-bit 0): Select IRQ resource for the parallel port. Any unselected IRQ is in
tristate.
CR27[3:0]
IRQ selected
0000
None
0001
IRQ_A
0010
IRQ_B
0011
IRQ_C
0100
IRQ_D
0101
IRQ_E
0110
IRQ_F
0111
IRQ_G
1000
IRQ_H


Similar Part No. - W83877

ManufacturerPart #DatasheetDescription
logo
Winbond
W83877ATD WINBOND-W83877ATD Datasheet
1Mb / 47P
   enhanced version from Winbonds most popular I/O chip W83877F
W83877ATF WINBOND-W83877ATF Datasheet
1Mb / 47P
   enhanced version from Winbonds most popular I/O chip W83877F
W83877TD WINBOND-W83877TD Datasheet
821Kb / 154P
   I/O chip disk drive adapter
W83877TD WINBOND-W83877TD Datasheet
968Kb / 154P
   WINBOND I/O
W83877TF WINBOND-W83877TF Datasheet
821Kb / 154P
   I/O chip disk drive adapter
More results

Similar Description - W83877

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
W83627SF WINBOND-W83627SF Datasheet
1Mb / 147P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com