Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83877 Datasheet(PDF) 78 Page - Winbond

Part # W83877
Description  WINBOND I/O
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83877 Datasheet(HTML) 78 Page - Winbond

Back Button W83877 Datasheet HTML 74Page - Winbond W83877 Datasheet HTML 75Page - Winbond W83877 Datasheet HTML 76Page - Winbond W83877 Datasheet HTML 77Page - Winbond W83877 Datasheet HTML 78Page - Winbond W83877 Datasheet HTML 79Page - Winbond W83877 Datasheet HTML 80Page - Winbond W83877 Datasheet HTML 81Page - Winbond W83877 Datasheet HTML 82Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 125 page
background image
W83877F
- 78 -
1
Puts the FDC in power-down mode.
IDEPWD (Bit 2):
This bit controls the power of the IDE.
0
Power is supplied to the IDE. (default)
1
Puts the IDE in power-down mode.
FDCTRI (Bit 1):
This bit enables or disables the tri-state outputs of the FDC in power-down mode.
0
The output pins of the FDC will not be tri-stated when FDC is in power-down mode.
1
The output pins of the FDC will be tri-stated when FDC is in power-down mode.
IDETRI (BIt 0):
This bit enables or disables the tri-state outputs of the IDE in power-down mode.
0
The output pins of the IDE will not be tri-stated when IDE is in power-down mode.
1
The output pins of the IDE will be tri-stated when IDE is in power-down mode.
8.2.8 Configuration Register 7 (CR7), default = 00H
When the device is in Extended Function mode and EFIR is 07H, the CR7 register can be accessed
through EFDR. The bit definitions are as follows:
7
6
5
4
3
2
1
0
FDD A type 0
FDD A type 1
FDD B type 0
FDD B type 1
FDD C type 0
FDD C type 1
FDD D type 0
FDD D type 1
FDD A type 1, 0 (Bit 1, 0):
These two bits select the type of FDD A.
00
Selects normal mode. When RWC = 0, the data transfer rate is 250 Kb/s. When
RWC
= 1, the data transfer rate is 500 Kb/s.
Three mode FDD select (EN3MODE = 1):
01
RWC
= 0, selects 1.2 MB high-density FDD.
10
RWC = 1, selects 1.44 MB high-density FDD.
11
Don't care RWC
, selects 720 KB double-density FDD.
FDD B type 1, 0 (Bit 3, 2):


Similar Part No. - W83877

ManufacturerPart #DatasheetDescription
logo
Winbond
W83877ATD WINBOND-W83877ATD Datasheet
1Mb / 47P
   enhanced version from Winbonds most popular I/O chip W83877F
W83877ATF WINBOND-W83877ATF Datasheet
1Mb / 47P
   enhanced version from Winbonds most popular I/O chip W83877F
W83877TD WINBOND-W83877TD Datasheet
821Kb / 154P
   I/O chip disk drive adapter
W83877TD WINBOND-W83877TD Datasheet
968Kb / 154P
   WINBOND I/O
W83877TF WINBOND-W83877TF Datasheet
821Kb / 154P
   I/O chip disk drive adapter
More results

Similar Description - W83877

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
W83627SF WINBOND-W83627SF Datasheet
1Mb / 147P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com