Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83787IF Datasheet(PDF) 5 Page - Winbond

Part # W83787IF
Description  WINBOND I/O WITH SERIAL-INFRARED SUPPORT
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83787IF Datasheet(HTML) 5 Page - Winbond

  W83787IF Datasheet HTML 1Page - Winbond W83787IF Datasheet HTML 2Page - Winbond W83787IF Datasheet HTML 3Page - Winbond W83787IF Datasheet HTML 4Page - Winbond W83787IF Datasheet HTML 5Page - Winbond W83787IF Datasheet HTML 6Page - Winbond W83787IF Datasheet HTML 7Page - Winbond W83787IF Datasheet HTML 8Page - Winbond W83787IF Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 123 page
background image
W83787IF
Publication Release Date:Sep 1995
- 5 -
Revision A1
1.2 Serial Port Interface
SYMBOL
PIN
I/O
FUNCTION
CTSA
CTSB
34
47
I
Clear To Send is the modem control input.
The function of these pins can be tested by reading Bit 4 of the
handshake status register.
DSRA
DSRB
33
48
I
Data Set Ready. An active low indicates the modem or data set is ready
to establish a communication link and transfer data to the UART.
DCDA
DCDB
32
49
I
Data Carrier Detect. An active low indicates the modem or data set has
detected a data carrier.
RIA
RIB
31
50
I
Ring Indicator. An active low indicates that a ring signal is being
received by the modem or data set.
SINA
SINB
IRRX1
30
42
I
Serial Input. Used to receive serial data from the communication link.
SINB can be programmed by CR0D register as input pin IRRX1 for
serial infrared communication
SOUTA
HURAS1
38
I/O
UART A Serial Output. Used to transmit serial data out to the
communication link.
During power-on reset, this pin is pulled up internally and is defined as
HURAS1, which is used for selecting the I/O address of the UART A.
(See Table 1-2.)
SOUTB
HURBS1
IRTX1
43
I/O
O
UART B Serial Output. Used to transmit serial data out to the
communication link. SOUTB can be programmed by CR0D register as
output pin IRTX1 for serial infrared communication.
During power-on reset, this pin is pulled up internally and is defined as
HURBS1, which is used for selecting the I/O address of UARTB. (See
Table 1-2.)
DTRA
HPRTAS0
35
I/O
UART A Data Terminal Ready. An active low informs the modem or
data set that the controller is ready to communicate.
During power-on reset, this pin is pulled down internally and is defined
as HPRTAS0. It is used for selecting the address of the parallel port.
(See Table 1-3.)
DTRB
HURAS0
46
I/O
UART B Data Terminal Ready. An active low informs the modem or
data set that controller is ready to communicate.
During power-on reset, this pin is pulled down internally and is defined
as HURAS0. It is used for setting the I/O address of UART A. (See
Table 1-2.)


Similar Part No. - W83787IF

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781 WINBOND-W83781 Datasheet
725Kb / 28P
   MONITORING IC
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
W83781D WINBOND-W83781D Datasheet
790Kb / 54P
   H/W MONITORING IC
W83781G WINBOND-W83781G Datasheet
790Kb / 54P
   H/W MONITORING IC
W83782 WINBOND-W83782 Datasheet
387Kb / 44P
   MONITORING IC
More results

Similar Description - W83787IF

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com